Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV2640 Datasheet(PDF) 21 Page - OmniVision Technologies, Inc.

Part # OV2640
Description  OV2640 Color CMOS UXGA (2.0 MegaPixel) CAMERACHIPTM Omni ision ® with OmniPixel2TM Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2640 Datasheet(HTML) 21 Page - OmniVision Technologies, Inc.

Back Button OV2640 Datasheet HTML 17Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 18Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 19Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 20Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 21Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 22Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 23Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 24Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 25Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Register Set
Version 1.6, February 28, 2006
Proprietary to OmniVision Technologies
21
Omni ision
F8
SS_CTRL
01
RW
SCCB Slave Control
Bit[7:6]:
Reserved
Bit[5]:
Address auto-increase enable
Bit[4]:
Reserved
Bit[3]:
SCCB enable
Bit[2]:
Delay SCCB master clock
Bit[1]:
Enable SCCB master access
Bit[0]:
Enable sensor pass through access
F9
MC_BIST
RW
Bit[7]:
Microcontroller Reset
Bit[6]:
Boot ROM select
Bit[5]:
R/W 1 error for 12K-byte memory
Bit[4]:
R/W 0 error for 12K-byte memory
Bit[3]:
R/W 1 error for 512-byte memory
Bit[2]:
R/W 0 error for 512-byte memory
Bit[1]:
BIST busy bit for read; One-shot reset of
microcontroller for write
Bit[0]:
Launch BIST
FA
MC_AL
RW
Program Memory Pointer Address Low Byte
FB
MC_AH
RW
Program Memory Pointer Address High Byte
FC
MC_D
80
RW
Program Memory Pointer Access Address
Boundary of register address to separate DSP and sensor register
FD
P_CMD
00
RW
SCCB Protocol Command Register
FE
P_STATUS
00
RW
SCCB Protocol Status Register
FF
RA_DLMT
7F
RW
Register Bank Select
Bit[7:1]:
Reserved
Bit[0]:
Register bank select
0:
DSP address
1:
Sensor address
NOTE: All other registers are factory-reserved. Please contact OmniVision Technologies for reference register settings.
Table 12
Device Control Register List (when 0xFF = 00) (Sheet 4 of 4)
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com