Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV2640 Datasheet(PDF) 39 Page - OmniVision Technologies, Inc.

Part # OV2640
Description  OV2640 Color CMOS UXGA (2.0 MegaPixel) CAMERACHIPTM Omni ision ® with OmniPixel2TM Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2640 Datasheet(HTML) 39 Page - OmniVision Technologies, Inc.

Back Button OV2640 Datasheet HTML 35Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 36Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 37Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 38Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 39Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 40Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 41Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 42Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 43Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Omni
TM
ision
REVISION CHANGE LIST
Document Title:
OV2640 Datasheet
Version:
1.3
DESCRIPTION OF CHANGES
The following changes were made to version 1.21:
•
In Table 1 on page 8, made the following changes/corrections:
– Corrected pin type of pin A1 from Power to Ground
– Corrected pin type of pin A2 from I/O to Input and added “Note: There is no internal
pull-up/pull-down resistor”
– Corrected pin type of pin A3 from Power to Ground
– Corrected pin type of pin A4 from Power to Ground
– Corrected pin type of pin A5 from I/O to Reference
– Added “Default: Input” and “Note: There is no internal pull-up/pull-down resistor” to
description of pin A6
– Corrected pin type of pin B2 from Power to Input and added “Note: There is no
internal pull-up/pull-down resistor”
– Corrected pin type of pin B3 from Input to Power
– Corrected pin type of pin B4 from I/O to Power
– Corrected pin type of pin B5 from Input to Power
– Corrected pin type of pin B6 from I/O to Input and “Note: There is an internal pull-
down resistor”
– Added “Default: Input” and “Note: There is no internal pull-up/pull-down resistor” to
description of pin C3
– Added “Note: There is no internal pull-up/pull-down resistor” to description of pin C4
– Added “Note: There is an internal pull-up resistor” to description of pin C6
– Added “Default: Input” and “Note: There is no internal pull-up/pull-down resistor” to
description of pin D2
– Added “Default: Input” and “Note: There is no internal pull-up/pull-down resistor” to
description of pin E1
– Added “Default: Input” and “Note: There is no internal pull-up/pull-down resistor” to
description of pin E2
– Added “Default: Input” and “Note: There is no internal pull-up/pull-down resistor” to
description of pin E3
– Corrected pin type of pin E4 from Power to Ground
– Added “Default: Input” and “Note: There is no internal pull-up/pull-down resistor” to
description of pin E5
– Corrected pin type of pin E6 from Power to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com