Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV2640 Datasheet(PDF) 25 Page - OmniVision Technologies, Inc.

Part # OV2640
Description  OV2640 Color CMOS UXGA (2.0 MegaPixel) CAMERACHIPTM Omni ision ® with OmniPixel2TM Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2640 Datasheet(HTML) 25 Page - OmniVision Technologies, Inc.

Back Button OV2640 Datasheet HTML 21Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 22Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 23Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 24Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 25Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 26Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 27Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 28Page - OmniVision Technologies, Inc. OV2640 Datasheet HTML 29Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Register Set
Version 1.6, February 28, 2006
Proprietary to OmniVision Technologies
25
Omni ision
15
COM10
00
RW
Common Control 10 (if Bypass DSP is selected)
Bit[7]:
CHSYNC pin output swap
0:
CHSYNC
1:
HREF
Bit[6]:
HREF pin output swap
0:
HREF
1:
CHSYNC
Bit[5]:
PCLK output selection
0:
PCLK always output
1:
PCLK output qualified by HREF
Bit[4]:
PCLK edge selection
0:
Data is updated at the falling edge of PCLK (user
can latch data at the next rising edge of PCLK)
1:
Data is updated at the rising edge of PCLK (user can
latch data at the next falling edge of PCLK)
Bit[3]:
HREF output polarity
0:
Output positive HREF
1:
Output negative HREF, HREF negative for data
valid
Bit[2]:
Reserved
Bit[1]:
VSYNC polarity
0:
Positive
1:
Negative
Bit[0]:
HSYNC polarity
0:
Positive
1:
Negative
16
RSVD
XX
–
Reserved
17
HREFST
11
RW
Horizontal Window Start MSB 8 bits (3 LSBs in REG32[2:0] (0x32))
Bit[10:0]: Selects the start of the horizontal window, each LSB
represents two pixels
18
HREFEND
75 (UXGA),
43 (SVGA,
CIF)
RW
Horizontal Window End MSB 8 bits (3 LSBs in REG32[5:3] (0x32))
Bit[10:0]: Selects the end of the horizontal window, each LSB
represents two pixels
19
VSTRT
01 (UXGA),
00 (SVGA,
CIF)
RW
Vertical Window Line Start MSB 8 bits (2 LSBs in COM1[1:0] (0x03))
Bit[9:0]:
Selects the start of the vertical window, each LSB
represents two scan lines.
1A
VEND
97
RW
Vertical Window Line End MSB 8 bits (2 LSBs in COM1[3:2] (0x03))
Bit[9:0]:
Selects the end of the vertical window, each LSB
represents two scan lines.
1B
RSVD
XX
–
Reserved
1C
MIDH
7F
R
Manufacturer ID Byte – High
(Read only = 0x7F)
1D
MIDL
A2
R
Manufacturer ID Byte – Low
(Read only = 0xA2)
1E-23
RSVD
XX
–
Reserved
Table 13
Device Control Register List (when 0xFF = 01) (Sheet 4 of 7)
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com