Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1966B Datasheet(PDF) 2 Page - Littelfuse

Part # CPC1966B
Description  AC Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1966B Datasheet(HTML) 2 Page - Littelfuse

  CPC1966B Datasheet HTML 1Page - Littelfuse CPC1966B Datasheet HTML 2Page - Littelfuse CPC1966B Datasheet HTML 3Page - Littelfuse CPC1966B Datasheet HTML 4Page - Littelfuse CPC1966B Datasheet HTML 5Page - Littelfuse CPC1966B Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R05
CPC1966B
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage (V
DRM)
800
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
2400
mW
Isolation Voltage Input to Output
5000
V
rms
ESD, Human Body Model
8
kV
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 20 mW / ºC
Electrical Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
V
L=120-240Vrms
I
L
0.1
-
3
A
rms
Maximum Surge Current
t < 16ms
I
P
--
30
A
P
Off State Leakage Current
V
DRM
I
LEAK
-
-
100
A
P
On-State Voltage Drop 1
I
L=2AP
-
-
0.88
1.1
V
P
Off-State dV/dt
I
F=0mA
dV/dt
1000
-
-
V/
s
Switching Speeds
Turn-on
I
F = 5 mA
t
on
-
-
0.5
cycles
Turn-off
t
off
-
-
0.5
cycles
Zero-Cross Turn-On Voltage 2
1st half cycle
-
-
5
20
V
Subsequent half cycle
-
-
-
5
V
Holding Current
-
I
H
-44
50
mA
Latching Current
-
I
L
-48
75
mA
Operating Frequency
-
20
-
500
Hz
Load Power Factor for
Guaranteed Turn-On 3
60Hz
PF
0.25
-
-
-
Input Characteristics
Input Control Current 4
f=60Hz, I
L=1A Resistive
I
F
--
5
mA
Input Drop-out Voltage
-
-
0.8
-
-
V
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.5
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
V
IO=0V, f=1MHz
C
IO
--
3
pF
1 Tested at a peak value equivalent.
2 Zero Cross 1st half cycle @ <100Hz.
3 Snubber circuits may be required at low power factors.
4 For high-noise environments, or for high-frequency operation, a minimum LED drive current of 10mA is recommended.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com