Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1966B Datasheet(PDF) 3 Page - Littelfuse

Part # CPC1966B
Description  AC Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1966B Datasheet(HTML) 3 Page - Littelfuse

  CPC1966B Datasheet HTML 1Page - Littelfuse CPC1966B Datasheet HTML 2Page - Littelfuse CPC1966B Datasheet HTML 3Page - Littelfuse CPC1966B Datasheet HTML 4Page - Littelfuse CPC1966B Datasheet HTML 5Page - Littelfuse CPC1966B Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1966B
www.ixysic.com
3
R05
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
30
35
LED Forward Voltage Distribution
(N=50, I
F=5mA)
LED Current (mA)
1.40
1.44
1.48
1.52
1.56
1.60
1.64
0
5
10
15
20
25
LED Current to Operate Distribution
(60Hz Resistive Load)
(N=50, V
L=120VAC)
Zero Cross Voltage (V)
Zero Cross Voltage Distribution
(N=50, I
F=5mA)
4.0
4.3
4.6
4.9
5.2
5.5
5.8
0
5
10
15
20
SCR Forward Voltage (V)
0.86
0.88
0.90
0.92
0.94
0.96
0.98
0
5
10
15
20
25
30
35
Typical SCR Forward Voltage Distribution
(N=50, I
F=5mA, IL=2A)
Blocking Voltage (V
P)
850
852
854
856
858
860
0
5
10
15
20
25
30
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Load Frequency (Hz)
0
100
200
300
400
500
600
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
LED Current to Operate
vs. Load Frequency
(V
L=140Vrms, RL=400
)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
LED Current to Operate
(f
O=60Hz)
Z
L=200mH
I
L=500mA
R
L=400
I
L=350mA
Performance Data*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com