Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1966B Datasheet(PDF) 4 Page - Littelfuse

Part # CPC1966B
Description  AC Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1966B Datasheet(HTML) 4 Page - Littelfuse

  CPC1966B Datasheet HTML 1Page - Littelfuse CPC1966B Datasheet HTML 2Page - Littelfuse CPC1966B Datasheet HTML 3Page - Littelfuse CPC1966B Datasheet HTML 4Page - Littelfuse CPC1966B Datasheet HTML 5Page - Littelfuse CPC1966B Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R05
CPC1966B
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1
10
100
1000
10000
Leakage Current vs. Temperature
V
L=600V
V
L=300V
Temperature (ºC)
-40
-20
0
20
40
60
80
100
720
760
800
840
880
920
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
3.5
Maximum Load Current
vs. Temperature
Maximum Surge Current
(non-Repetitive)
(Values Apply to T
J=50ºC Before Surge)
Time (ms)
1
10
100
1000
0
5
10
15
20
25
30
35
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Voltage Drop vs. Temperature
(I
F=5mA)
I
L=3AP
I
L=2AP
I
L=1AP
Temperature (ºC)
-40
-20
0
20
40
60
80
100
20
30
40
50
60
70
80
Holding Current vs. Temperature
(I
F=0mA)
Load Voltage (V
P)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-6
-4
-2
0
2
4
6
Typical Load Voltage vs. Load Current
(I
F=5mA)
Performance Data*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com