Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1085 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD1085
Description  3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD1085 Datasheet HTML 3Page - STMicroelectronics LD1085 Datasheet HTML 4Page - STMicroelectronics LD1085 Datasheet HTML 5Page - STMicroelectronics LD1085 Datasheet HTML 6Page - STMicroelectronics LD1085 Datasheet HTML 7Page - STMicroelectronics LD1085 Datasheet HTML 8Page - STMicroelectronics LD1085 Datasheet HTML 9Page - STMicroelectronics LD1085 Datasheet HTML 10Page - STMicroelectronics LD1085 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LD1085 SERIES
7/19
Table 11: Electrical Characteristics Of LD1085#80 (VI=11V, CI = CO =10µF, TA = -40 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
Table 12: Electrical Characteristics Of LD1085#90 (VI=12V, CI = CO =10µF, TA = -40 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 0 mA TJ = 25°C
7.92
8
8.08
V
IO = 0 to 3AVI = 9.8 to 30V (note 1)
7.84
8
8.16
V
∆VO
Line Regulation
IO = 0 mA VI = 9.8 to 20V TJ = 25°C
1
18
mV
IO = 0 mA VI = 9.8 to 20V
2
18
mV
∆VO
Load Regulation
IO = 0 to 3ATJ = 25°C
8
30
mV
IO = 0 to 3A
12
60
mV
Vd
Dropout Voltage
IO =3 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 30V
5
10
mA
Isc
Short Circuit Current
VI - VO = 5V
3.2
4.5
A
VI - VO = 25V
0.2
0.5
A
Thermal Regulation
TA = 25°C, 30ms pulse
0.008
0.04
%/W
SVR
Supply Voltage Rejection
f = 120 Hz, CO = 25 µF,
IO = 3A
VI = 13 ± 3V
54
71
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 0 mA TJ = 25°C
8.91
9
9.09
V
IO = 0 to 3AVI = 11 to 30V (note 1)
8.82
9
9.18
V
∆VO
Line Regulation
IO = 0 mA VI = 11 to 20V
TJ = 25°C
1
20
mV
IO = 0 mA VI = 11 to 20V
2
20
mV
∆VO
Load Regulation
IO = 0 to 3ATJ = 25°C
8
30
mV
IO = 0 to 3A
12
60
mV
Vd
Dropout Voltage
IO =3 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 30V
5
10
mA
Isc
Short Circuit Current
VI - VO = 5V
3.2
4.5
A
VI - VO = 25V
0.2
0.5
A
Thermal Regulation
TA = 25°C, 30ms pulse
0.008
0.04
%/W
SVR
Supply Voltage Rejection
f = 120 Hz, CO = 25 µF,
IO = 3A
VI = 14 ± 3V
54
70
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com