Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1085 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD1085
Description  3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD1085 Datasheet HTML 4Page - STMicroelectronics LD1085 Datasheet HTML 5Page - STMicroelectronics LD1085 Datasheet HTML 6Page - STMicroelectronics LD1085 Datasheet HTML 7Page - STMicroelectronics LD1085 Datasheet HTML 8Page - STMicroelectronics LD1085 Datasheet HTML 9Page - STMicroelectronics LD1085 Datasheet HTML 10Page - STMicroelectronics LD1085 Datasheet HTML 11Page - STMicroelectronics LD1085 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LD1085 SERIES
8/19
Table 13: Electrical Characteristics Of LD1085#12 (VI=15V, CI = CO =10µF, TA = -40 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
Table 14: Electrical Characteristics Of LD1085# (VI=4.25V, CI = CO =10µF, TA = -40 to 125°C, unless
otherwise specified.)
NOTE 1: See short-circuit current curve for available output current at fixed dropout.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 0 mA TJ = 25°C
11.88
12
12.12
V
IO = 0 to 3AVI = 13.8 to 30V (note 1)
11.76
12
12.24
V
∆VO
Line Regulation
IO = 0 mA VI = 13.8 to 25V TJ = 25°C
1
25
mV
IO = 0 mA VI = 13.8 to 25V
2
25
mV
∆VO
Load Regulation
IO = 0 to 3ATJ = 25°C
12
36
mV
IO = 0 to 3A
24
72
mV
Vd
Dropout Voltage
IO =3 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 30V
5
10
mA
Isc
Short Circuit Current
VI - VO = 5V
3.2
4.5
A
VI - VO = 25V
0.2
0.5
A
Thermal Regulation
TA = 25°C, 30ms pulse
0.008
0.04
%/W
SVR
Supply Voltage Rejection
f = 120 Hz, CO = 25 µF,
IO = 3A
VI = 17 ± 3V
54
66
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 10mA TJ = 25°C
1.237
1.25
1.263
V
IO = 10mA to 5AVI = 2.85 to 30V (note 1)
1.225
1.25
1.275
V
∆VO
Line Regulation
IO = 10mA VI = 2.85 to 16.5V TJ = 25°C
0.015
0.2
%
IO = 10mA VI = 2.85 to 16.5V
0.035
0.2
%
∆VO
Load Regulation
IO = 10mA to 5ATJ = 25°C
0.1
0.3
%
IO = 0 to 5A
0.2
0.4
%
Vd
Dropout Voltage
IO = 5A
1.3
1.5
V
IO(min)
Minimum Load Current
VI = 30V
3
10
mA
Isc
Short Circuit Current
VI - VO = 5V
5.5
6.5
A
VI - VO = 25V
0.5
0.7
A
Thermal Regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply Voltage Rejection
f = 120 Hz, CO = 25 µF, CADJ = 25 µF,
IO = 5A
VI = 6.25 ± 3V
60
72
dB
IADJ
Adjust Pin Current
VI = 4.25V IO = 10 mA
55
120
µA
∆IADJ Adjust Pin Current Change IO = 10mA to 5A
VI = 2.85 to 16.5V
(note 1)
0.2
5
µA
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com