Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1085 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD1085
Description  3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085 Datasheet(HTML) 1 Page - STMicroelectronics

  LD1085 Datasheet HTML 1Page - STMicroelectronics LD1085 Datasheet HTML 2Page - STMicroelectronics LD1085 Datasheet HTML 3Page - STMicroelectronics LD1085 Datasheet HTML 4Page - STMicroelectronics LD1085 Datasheet HTML 5Page - STMicroelectronics LD1085 Datasheet HTML 6Page - STMicroelectronics LD1085 Datasheet HTML 7Page - STMicroelectronics LD1085 Datasheet HTML 8Page - STMicroelectronics LD1085 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
March 2005
I
TYPICAL DROPOUT 1.3V (AT 3A)
I
THREE TERMINAL ADJUSTABLE OR FIXED
OUTPUT VOLTAGE 1.5V, 1.8V, 2.5V, 2.85V,
3.3V, 3.6V, 5V, 8V, 9V, 12V.
I
GUARANTEED OUTPUT CURRENT UP TO
3A
I
OUPUT TOLERANCE
±1% AT 25°C AND
±2% IN FULL TEMPERATURE RANGE
I
INTERNAL POWER AND THERMAL LIMIT
I
WIDE OPERATING TEMPERATURE RANGE
-40°C TO 125°C
I
PACKAGE AVAILABLE: TO-220, TO-220FP
D2PAK, D2PAK/A
I
PINOUT COMPATIBILITY WITH STANDARD
ADJUSTABLE VREG
DESCRIPTION
The LD1085 is a LOW DROP Voltage Regulator
able to provide up to 3A of Output Current.
Dropout is guaranteed at a maximum of 1.2V at
the maximum output current, decreasing at lower
loads. The LD1085 is pin to pin compatible with
the older 3-terminal adjustable regulators, but has
better performances in term of drop and output
tolerance.
A 2.85V output version is suitable for SCSI-2
active termination. Unlike PNP regulators, where
a part of the output current is wasted as quiescent
current, the LD1085 quiescent current flows into
the load, so increase efficiency. Only a 10µF
minimum capacitor is need for stability.
The device is supplied in TO-220, TO-220FP,
D2PAK and D2PAK/A. On chip trimming allows the
regulator to reach a very tight output voltage
tolerance, within ±1% at 25°C.
LD1085
SERIES
3A LOW DROP POSITIVE VOLTAGE
REGULATOR ADJUSTABLE AND FIXED
Figure 1: Schematic Diagram
TO-220
D2PAK
D2PAK/A
TO-220FP
Rev. 14


Similar Part No. - LD1085

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1085 STMICROELECTRONICS-LD1085 Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Jul-2002
LD1085CDT STMICROELECTRONICS-LD1085CDT Datasheet
370Kb / 15P
3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Jul-2002
LD1085CDT-R STMICROELECTRONICS-LD1085CDT-R Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
LD1085CDT-R STMICROELECTRONICS-LD1085CDT-R Datasheet
371Kb / 16P
3 A low-drop, adjustable positive voltage regulator
09-Apr-2008
More results

Similar Description - LD1085

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
06-Dec-2006
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Wuxi Youda electronics ...
YD1117 YOUDA-YD1117 Datasheet
84Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
Low drop fixed and adjustable positive voltage regulators
24-Jul-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com