Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY7619CS Datasheet(PDF) 4 Page - Shenzhen Siyuan Semiconductor Co., Ltd.

Part # SY7619CS
Description  Lithium-ion battery charging/discharging solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TKPLUSEMI [Shenzhen Siyuan Semiconductor Co., Ltd.]
Direct Link  https://www.tkplusemi.com/
Logo TKPLUSEMI - Shenzhen Siyuan Semiconductor Co., Ltd.

SY7619CS Datasheet(HTML) 4 Page - Shenzhen Siyuan Semiconductor Co., Ltd.

  SY7619CS Datasheet HTML 1Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 2Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 3Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 4Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 5Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 6Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 7Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 8Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 9Page - Shenzhen Siyuan Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
                
锂电池充电/放电解决方案 SY7618/SY7619
SY7618/SY7619 Rev1.2
http://www.tkplusemi.com
深圳市思远半导体有限公司 
功能框图 
Protection
PWM
Controller
Feedback
REF&BIAS
Logic
Control
LX
VOUT
PGND
VCC
Battery indication
LED1
LED2
Current Limit
BAT
KEY
OTP
 
电性参数
极限参数(1)
参数
最小值
最大值
单位
引脚电压
-0.3
+6
V
储存环境温度
-65
150
℃
工作环境温度
-20
85
℃
工作结温范围
-40
150
℃
HBM(人体放电模型)
2K
-
V
MM(机器放电模型)
200
-
V
注(1):最大极限值是指超出该工作范围芯片可能会损坏。
推荐工作条件
输入电压---------------------------------
2.9V to 5.5V
工作结温范围---------------------------
-40℃ to 125℃
环境温度范围---------------------------
-20℃ to 85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com