Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY7619CS Datasheet(PDF) 13 Page - Shenzhen Siyuan Semiconductor Co., Ltd.

Part # SY7619CS
Description  Lithium-ion battery charging/discharging solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TKPLUSEMI [Shenzhen Siyuan Semiconductor Co., Ltd.]
Direct Link  https://www.tkplusemi.com/
Logo TKPLUSEMI - Shenzhen Siyuan Semiconductor Co., Ltd.

SY7619CS Datasheet(HTML) 13 Page - Shenzhen Siyuan Semiconductor Co., Ltd.

Back Button SY7619CS Datasheet HTML 8Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 9Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 10Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 11Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 12Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 13Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 14Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 15Page - Shenzhen Siyuan Semiconductor Co., Ltd. SY7619CS Datasheet HTML 16Page - Shenzhen Siyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
                
锂电池充电/放电解决方案 SY7618/SY7619
SY7618/SY7619 Rev1.2
http://www.tkplusemi.com
深圳市思远半导体有限公司 
LED灯显示分为充电电量显示、放电电量显示、查看电量显示、放电低电量报警显示和电
路异常显示。充电模式下DLED1以1Hz频率闪烁,电池充满后DLED1常亮;放电模式下DLED1常
亮,放电低电量报警时DLED1以1Hz闪烁。芯片异常时,DLED1灯熄灭。
充电电量LED显示:
当VCC的输入电压在4V到6V之间且大于电池电压时,系统进入充电状态,DLED1显示充电
状态。
电池电压
电量
DLED1
4.2V/4.35V
100%
亮
0V-4.2V/4.35V
0%-100%
1Hz闪
放电电量LED显示:
当电池电压大于3.2V时,单击KEY键,升压模块开始工作, DLED1指示放电状态。
电池电压
电量
DLED1
>3.2
5%-100%
亮
2.9V-3.2V
0%-5%
1Hz闪
<2.9V
0%
灭
待机状态KEY键电量显示:
在待机状态下,单击KEY键,放电模块启动,DLED1进入放电指示状态显示。如果空载,
显示电量16S后关闭。如果VBAT小于3.2V,放电模块不启动,DLED1灯熄灭。
电池电压
电量
DLED1
>3.2
0%-100%
亮
2.9V-3.2V
-
灭
可订制版本二
此版本中,采用两颗LED显示。如下图所示。
 
带按键的应用 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com