Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY27EE16FZXECT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY27EE16FZXECT
Description  1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27EE16FZXECT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY27EE16FZXECT Datasheet HTML 4Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 5Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 6Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 7Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 8Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 9Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 10Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 11Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY27EE16ZE
Document #: 38-07440 Rev. *C
Page 8 of 17
PLL Post Divider Options
The output of the VCO is routed through two independent
muxes, then to two divider banks to determine the final clock
output frequency. The mux determines if the clock signal
feeding into the divider banks is the calculated VCO frequency
or REF. There are 2 select muxes (DIV1SRC and DIV2SRC)
and 2 divider banks (Divider Bank 1 and Divider Bank 2) used
to determine this clock signal. The clock signals passing
through DIV1SRC and DIV2SRC are referred to as DIV1CLK
and DIV2CLK, respectively.
The divider banks have 4 unique divider options available: /2,
/3, /4, and /DIVxN. DIVxN is a variable that can be indepen-
dently programmed (DIV1N and DIV2N) for each of the 2
divider banks. The minimum value of DIVxN is 4. The
maximum value of DIVxN is 127. A value of DIVxN below 4 is
not guaranteed to work properly.
DIV1SRC is a single bit variable, controlled by register OCH.
The remaining 7 bits of register OCH determine the value of
post divider DIV1N.
DIV2SRC is a single bit variable, controlled by register 47H.
The remaining 7 bits of register 47H determine the value of
post divider DIV2N.
Register OCH and 47H are defined in Table 8.
Charge Pump Settings [40H(2..0)]
The correct pump setting is important for PLL stability. Charge
pump settings are controlled by bits (4..2) of register 40H, and
are dependent on internal variable PB (see section "[00H to
08H] – Reserved [0AH to 0BH] – Reserved [0DH to 0FH]
–Reserved [15H to 3FH] –Reserved [43H] –Reserved [48H to
FFH] –Reserved", page 9). Table 9 summarizes the proper
charge pump settings, based on Ptotal. See Table 10, "Register
40H Change Pump Bit Settings", page 8, for register 40H bit
locations.
Although using Table 10 will guarantee stability, it is recom-
mended to use the Print Preview function in CyberClocks™ to
determine the ideal charge pump settings for optimal jitter
performance.
PLL stability cannot be guaranteed for Ptotal values below 16
and above 1023. If Ptotal values above 1023 are needed, use
CyberClocks to determine the best charge pump setting.
Table 8. PLL Post Divider Options
Address
D7D6D5D4D3D2
D1
D0
OCH
DIV1SRC
DIV1N(6)
DIV1N(5)
DIV1N(4)
DIV1N(3)
DIV1N(2)
DIV1N(1)
DIV1N(0)
47H
DIV2SRC
DIV2N(6)
DIV2N(5)
DIV2N(4)
DIV2N(3)
DIV2N(2)
DIV2N(1)
DIV2N(0)
Table 9. Charge Pump Settings
Charge Pump Setting
– Pump(2..0)
Calculated Ptotal
000
16 – 44
001
45 – 479
010
480 – 639
011
640 – 799
100
800 – 1023
101, 110, 111
Do Not Use – device will be unstable
Table 10.Register 40H Change Pump Bit Settings
Address
D7D6D5D4D3D2D1D0
40H
1
1
0
Pump(2)
Pump(1)
Pump(0)
PB(9)
PB(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com