Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY27EE16FZXECT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY27EE16FZXECT
Description  1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27EE16FZXECT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY27EE16FZXECT Datasheet HTML 1Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 2Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 3Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 4Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 5Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 6Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 7Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 8Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 PLL In-System Programmable Clock Generator
with Individual 16K EEPROM
CY27EE16ZE
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07440 Rev. *C
Revised December 21, 2004
Features
• 18 kbits of EEPROM
16 kbits independent scratch
2 kbits dedicated to clocking functions
• Integrated, phase-locked loop with programmable P
and Q counters, output dividers, and optional analog
VCXO, digital VCXO, spread spectrum for EMI reduction
• In system programmable through I2C Serial
Programming Interface (SPI). Both the SRAM and
non-volatile EEPROM memory bits are programmable
with the 3.3V supply
• Low-jitter, high-accuracy outputs
• VCXO with analog adjust
• 3.3V Operation (optional 2.5V outputs)
• 20-lead Exposed Pad, EP-TSSOP
Benefits
Higher level of integration and reduced component count by
combining EEPROM and PLL. Independent EEPROM may be
used for scratch memory, or to store up to eight clock config-
urations.
High-performance PLL enables control of output frequencies
that are customizable to support a wide range of applications.
Familiar industry standard eases programming effort and
enables update of data stored in 16K EEPROM scratchpad
and 2K EEPROM clock control block while CY27EE16ZE is
installed in system.
Meets critical timing requirements in complex system designs.
Write Protect (WP pin) can be programmed to serve as an
analog control voltage for a VCXO.The VCXO function is still
available with a DCXO, or digitally controlled (through SPI)
crystal oscillator if the pin is functioning as WP.
Meets industry-standard voltage platforms.
Industry standard packaging saves on board space.
Part Number
Outputs
Input Frequency Range
Output Frequency Range
CY27EE16ZE
6
1 – 167 MHz (Driven Clock Input) {Commercial}
1 –150 MHz (Driven Clock Input) {Industrial}
8 – 30 MHz (Crystal Reference) {Comm. or Ind.}
80 kHz – 200 MHz (3.3V) {Commercial}
80 kHz –167 MHz (3.3V) {Industrial}
80 kHz –167 MHz (2.5V) {Commercial}
80 kHz – 150 MHz (2.5V) {Industrial}
Logic Block Diagram
XIN
XOUT
CLOCK2
OUTPUT
DIVIDERS
PLL
OSC
CLOCK1
Q
VCO
VDD VSS
Φ
CLOCK3
P
Pin Configurations
SCL
SDAT
8x2k EEPROM
Memory Array
Clock
Configuration
Output
Crosspoint
Switch
Array
CLOCK5
CLOCK4
CLOCK6
[I2C- SPI:]
20-pin EP-TSSOP
AVDD AVSS
VDDL VSSL
CY27EE16ZE
PDM/OE
XIN 1
20 XOUT
VDD 2
19 VDD
CLOCK6 3
18 CLOCK5
AVDD 4
17 VCXO/WP
SDAT 5
16 VSS
AVSS 6
15 CLOCK4
VSSL 7
14 VDDL
CLOCK1 8
13 SCL
CLOCK2 9
12 CLOCK3
OE/PDM 10
11 VDDL
VCX/WP


Similar Part No. - CY27EE16FZXECT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27EE16FZEC CYPRESS-CY27EE16FZEC Datasheet
163Kb / 17P
1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY27EE16FZECT CYPRESS-CY27EE16FZECT Datasheet
163Kb / 17P
1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY27EE16FZEI CYPRESS-CY27EE16FZEI Datasheet
163Kb / 17P
1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
CY27EE16FZEIT CYPRESS-CY27EE16FZEIT Datasheet
163Kb / 17P
1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
More results

Similar Description - CY27EE16FZXECT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27EE16ZE CYPRESS-CY27EE16ZE Datasheet
163Kb / 17P
1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
EEPROM Programmable 3-PLL Clock Generator IC
logo
Cypress Semiconductor
CY22701 CYPRESS-CY22701 Datasheet
139Kb / 15P
1 PLL In-System Programmable Clock Generator
logo
ON Semiconductor
FS6370 ONSEMI-FS6370 Datasheet
585Kb / 28P
EEPROM Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 3
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com