Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6370 Datasheet (PDF) - ON Semiconductor

FS6370 Datasheet PDF - ON Semiconductor
Part # FS6370
Download  FS6370 Download
File Size   585.42 Kbytes
Page   28 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Programmable 3-PLL Clock Generator IC

FS6370 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS6370 Datasheet PDF - ON Semiconductor

Part # FS6370
Download  FS6370 Click to download

File Size   585.42 Kbytes
Page   28 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM Programmable 3-PLL Clock Generator IC

FS6370 Datasheet (HTML) - ON Semiconductor


FS6370 Product details

Description
The FS6370 is a CMOS clock generator IC designed to minimize cost and component count in a variety of electronic systems. Three EEPROM-programmable phase-locked loops (PLLs) driving four programmable muxes and post dividers provide a high degree of flexibility.
An internal EEPROM permits just-in-time factory programming of devices for end user requirements.

Features
• Just-in-time customization of clock frequencies via internal non-volatile 128-bit serial EEPROM
• I2C™-bus serial interface
• Three on-chip PLLs with programmable reference and feedback dividers
• Four independently programmable muxes and post dividers
• Programmable power-down of all PLLs and output clock drivers
• Tristate outputs for board testing
• One PLL and two mux/post-divider combinations can be modified via SEL_CD input
• 5 V to 3.3 V operation
• Accepts 5 MHz to 27 MHz crystal resonators




Similar Part No. - FS6370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
EEPROM Programmable 3-PLL Clock Generator IC
More results


Similar Description - FS6370

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
EEPROM Programmable 3-PLL Clock Generator IC
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
Programmable 3-PLL Clock Generator IC
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com