Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6370 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 3 Page - ON Semiconductor

  FS6370 Datasheet HTML 1Page - ON Semiconductor FS6370 Datasheet HTML 2Page - ON Semiconductor FS6370 Datasheet HTML 3Page - ON Semiconductor FS6370 Datasheet HTML 4Page - ON Semiconductor FS6370 Datasheet HTML 5Page - ON Semiconductor FS6370 Datasheet HTML 6Page - ON Semiconductor FS6370 Datasheet HTML 7Page - ON Semiconductor FS6370 Datasheet HTML 8Page - ON Semiconductor FS6370 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
FS6370
3.0 Functional Block Description
3.1 Phase Locked Loops (PLLs)
Each of the three on-chip PLLs is a standard phase- and frequency-locked loop architecture that multiplies a reference frequency to a
desired frequency by a ratio of integers. This frequency multiplication is exact.
As shown in Figure 3, each PLL consists of a reference divider, a phase-frequency detector (PFD), a charge pump, an internal loop
filter, a voltage-controlled oscillator (VCO), and a feedback divider.
During operation, the reference frequency (fREF), generated by the on-board crystal oscillator, is first reduced by the reference divider.
The divider value is often referred to as the modulus, and is denoted as NR for the reference divider. The divided reference is fed into
the PFD.
The PFD controls the frequency of the VCO (fVCO) through the charge pump and loop filter. The VCO provides a high-speed, low noise,
continuously variable frequency clock source for the PLL. The output of the VCO is fed back to the PFD through the feedback divider
(the modulus is denoted by NF) to close the loop.
Figure 3: PLL Block Diagram
The PFD will drive the VCO up or down in frequency until the divided reference frequency and the divided VCO frequency appearing at
the inputs of the PFD are equal. The input/output relationship between the reference frequency and the VCO frequency is:
3.1.1. Reference Divider
The reference divider is designed for low phase jitter. The divider accepts the output of the reference oscillator and provides a divided-
down frequency to the PFD. The reference divider is an 8-bit divider, and can be programmed for any modulus from 1 to 255 by
programming the equivalent binary value. A divide-by-256 can also be achieved by programming the eight bits to 00h.
3.1.2. Feedback Divider
The feedback divider is based on a dual-modulus pre-scaler technique. The technique allows the same granularity as a fully
programmable feedback divider, while still allowing the programmable portion to operate at low speed. A high-speed pre-divider (also
called a pre-scaler) is placed between the VCO and the programmable feedback divider because of the high speeds at which the VCO
can operate. The dual-modulus technique insures reliable operation at any speed that the VCO can achieve and reduces the overall
power consumption of the divider.
For example, a fixed divide-by-eight pre-scaler could have been used in the feedback divider. Unfortunately, a divide-by-eight would
limit the effective modulus of the entire feedback divider to multiples of eight. This limitation would restrict the ability of the PLL to
Rev. 3 | Page 3 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com