Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6370 Datasheet(PDF) 21 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 17Page - ON Semiconductor FS6370 Datasheet HTML 18Page - ON Semiconductor FS6370 Datasheet HTML 19Page - ON Semiconductor FS6370 Datasheet HTML 20Page - ON Semiconductor FS6370 Datasheet HTML 21Page - ON Semiconductor FS6370 Datasheet HTML 22Page - ON Semiconductor FS6370 Datasheet HTML 23Page - ON Semiconductor FS6370 Datasheet HTML 24Page - ON Semiconductor FS6370 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
FS6370
Table 13: AC Timing Specifications
Parameter
Symbol
Conditions/Description
Clock
(MHz)
Min.
Typ.
Max.
Units
Overall
EEPROM Write Cycle Time
Twc
4
ms
VDD = 5.5 V
0.8
150
Output Frequency *
fO
VDD = 3.6 V
0.8
100
MHz
VDD = 5.5 V
40
230
VCO Frequency *
fVCO
VDD = 3.6 V
40
170
MHz
VCO Gain *
AVCO
400
MHz/V
LFTC bit = 0
7
Loop Filter Time Constant *
LFTC bit = 1
20
μs
VO = 0.5 V to 4.5 V; CL = 15pF
2.0
Rise Time *
tr
VO = 0.3 V to 3.0 V; CL = 15pF
2.1
ns
VO = 4.5 V to 0.5 V; CL = 15pF
1.8
Fall Time *
tf
VO = 3.0 V to 0.3 V; CL = 15pF
1.9
ns
Tristate Enable Delay *
tPZL, tPZH
1
8
ns
Tristate Disable Delay *
tPZL, tPZH
1
8
ns
Output active from power-up, RUN mode via PD pin
100
μs
Clock Stabilization Time *
tSTB
After last register is written, register program mode
1
ms
Divider Modulus
Feedback Divider
NF
See also Error! Reference source not found.
8
2047
Reference Divider
NR
1
255
Post Divider
NP
See also Error! Reference source not found.
1
50
Clock Output (PLL A clock via CLK_A pin)
Duty Cycle *
Ratio of pulse width (as measured from rising edge to next falling
edge at 2.5V) to one clock period
100
45
55
%
On rising edges 500µs apart at 2.5V relative to an ideal clock,
CL=15pF, fXIN=14.318MHz, NF=220, NR=63, NPX=50, no other
PLLs active
100
45
Jitter, Long Term (
σ
y(τ)) *
Tj(LT)
On rising edges 500µs apart at 2.5V relative to an ideal clock,
CL=15pF, =14.318MHz, NF=220, NR=63, NPX=50, all other
PLLs active (B=60MHz, C=40MHz, D=14.318MHz)
50
165
ps
From rising edge to the next rising edge at 2.5V, CL=15pF,
fXIN=14.318MHz, NF=220, NR=63, NPX=50, no other PLLs
active
100
110
Jitter, Period (peak-peak)
*
tj(ΔP)
From rising edge to the next rising edge at 2.5V, CL=15pF,
fXIN=14.318MHz, NF=220, NR=63, NPX=50, all other PLLs
active (B=60MHz, C=40MHz, D=14.318MHz)
50
390
ps
Clock Output (PLL B clock via CLK_B pin)
Duty Cycle *
Ratio of pulse width (as measured from rising edge to next falling
edge at 2.5V) to one clock period
100
45
55
%
On rising edges 500µs apart at 2.5V relative to an ideal clock,
CL=15pF, fXIN=14.318MHz, NF=220, NR=63, NPX=50, no other
PLLs active
100
45
Jitter, Long Term (
σ
y(τ)) *
Tj(LT)
On rising edges 500µs apart at 2.5V relative to an ideal clock,
CL=15pF, =14.318MHz, NF=220, NR=63, NPX=50, all other
PLLs active (A=50MHz, C=40MHz, D=14.318MHz)
60
75
ps
From rising edge to the next rising edge at 2.5V, CL=15pF,
fXIN=14.318MHz, NF=220, NR=63, NPX=50, no other PLLs
active
100
120
Jitter, Period (peak-peak)
*
tj(ΔP)
60
400
ps
From rising edge to the next rising edge at 2.5V, CL=15pF,
fXIN=14.318MHz, NF=220, NR=63, NPX=50, all other PLLs
active (A=50MHz, C=40MHz, D=14.318MHz)
Rev. 3 | Page 21 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com