Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6370 Datasheet(PDF) 18 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 14Page - ON Semiconductor FS6370 Datasheet HTML 15Page - ON Semiconductor FS6370 Datasheet HTML 16Page - ON Semiconductor FS6370 Datasheet HTML 17Page - ON Semiconductor FS6370 Datasheet HTML 18Page - ON Semiconductor FS6370 Datasheet HTML 19Page - ON Semiconductor FS6370 Datasheet HTML 20Page - ON Semiconductor FS6370 Datasheet HTML 21Page - ON Semiconductor FS6370 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
FS6370
Table 12: DC Electrical Specifications
Parameter
Symbol
Conditions/Description
Min.
Typ.
Max.
Units
Overall
Supply Current, Dynamic
IDD
VDD = 5.5V, fCLK = 50MHz ; CL = 15pF
See Figure 11 for more information
43
mA
Supply Current, Write
IDD(write)
Additional operating current demand,
EEPROM program mode, VDD = 5.5 V
2
mA
Supply Current, Read
IDD(read)
Additional operating current demand,
EEPROM program mode, VDD = 5.5 V
1
mA
Supply Current, Static
IDDL
VDD = 5.5V, powered down via PD pin
0.3
mA
Dual Function I/O (P
VDD = 5.5V
3.85
VDD+0.3
Run mode (PD, OE)
VDD = 3.6V
2.52
VDD+0.3
VDD = 5.5V
3.85
VDD+0.3
Register program mode
(SDA, SCL)
VDD = 3.6V
2.52
VDD+0.3
VDD = 5.5V
3.85
VDD+0.3
High-Level Input Voltage
VIH
EEPROM prodgram mode
(SDA, SCL)
VDD = 3.6V
2.52
VDD+0.3
V
VDD = 5.5V
VSS-0.3
1.65
Run mode (PD, OE)
VDD = 3.6V
VSS-0.3
1.08
VDD = 5.5V
VSS-0.3
1.65
Register program mode
(SDA, SCL)
VDD = 3.6V
VSS-0.3
1.08
VDD = 5.5V
VSS-0.3
1.65
Low-Level Input Voltage
VIL
EEPROM prodgram mode
(SDA, SCL)
VDD = 3.6V
VSS-0.3
1.08
V
VDD = 5.5V
2.20
Run mode (PD, OE)
VDD = 3.6V
1.44
VDD = 5.5V
2.20
Register program mode
(SDA, SCL)
VDD = 3.6V
1.44
VDD = 5.5V
0.275
Hysteresis Voltage
Vhys
Register program mode
(SDA, SCL)
VDD = 3.6V
0.18
V
Run/register program mode
-1
1
High-Level Input Current
IIH
EEPROM program mode
-1
1
μA
Low-Level Input Current (pull-up)
IIL
VIL = 0V
-20
-36
-80
µA
Run/register program mode, VOL = 0.4V
26
Low-Level Output Sink Current (SDA)
IOL
EEPROM program mode, VOL = 0.4V
3.0
mA
Mode and Frequency Select Inputs (MODE, SEL_CD)
VDD = 5.5 V
2.4
VDD+0.3
High-Level Input Voltage
VIH
VDD = 3.6 V
2.0
VDD+0.3
V
VDD = 5.5 V
VSS-0.3
0.8
Low-Level Input Voltage
VIL
VDD = 3.6 V
VSS-0.3
0.8
V
High-Level Input Current
IIH
-1
1
μA
Low-Level Input Current (pull-up)
IIL
-20
-36
-80
μA
Parameter
Symbol
Conditions/Description
Min.
Type.
Max.
Units
Rev. 3 | Page 18 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com