Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6370 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 2 Page - ON Semiconductor

  FS6370 Datasheet HTML 1Page - ON Semiconductor FS6370 Datasheet HTML 2Page - ON Semiconductor FS6370 Datasheet HTML 3Page - ON Semiconductor FS6370 Datasheet HTML 4Page - ON Semiconductor FS6370 Datasheet HTML 5Page - ON Semiconductor FS6370 Datasheet HTML 6Page - ON Semiconductor FS6370 Datasheet HTML 7Page - ON Semiconductor FS6370 Datasheet HTML 8Page - ON Semiconductor FS6370 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
FS6370
Figure 2: Block Diagram
Table 1: Pin Descriptions
Pin
Type
Name
Description
1
P
VSS
Ground
2
DI
U
SEL_CD
Selects one of two programmed PLL C, Mux C/D and post divider C/D combinations
3
DI
U
PD/SCL
Power-down input (run-mode) or serial interface clock input (program mode)
4
P
VSS
Ground
5
AI
XIN
Crystal oscillator feedback
6
AO
XOUT
Crystal oscillator drive
7
DI
UO
OE/SDA
Output enable input (run mode) or serial interface data input/output (program mode)
8
P
VDD
Power supply (5 V to 3.3 V)
9
DI
U
MODE
Selects either program mode (low) or run mode (high)
10
DO
CLK_D
D clock output
11
P
VSS
Ground
12
DO
CLK_C
C clock output
13
DO
CLK_B
B clock output
14
P
VDD
Power supply (5 V to 3.3 V)
15
DO
CLK_A
A clock output
16
P
VDD
Power supply (5 V to 3.3 V)
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-Up; DI
D = Input with Internal Pull-Down; DIO = Digital Input/Output; DI-3 = Three-
Level Digital Input, DO = Digital Output; P = Power/Ground; # = Active Low pin
Rev. 3 | Page 2 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com