Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6370 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 4 Page - ON Semiconductor

  FS6370 Datasheet HTML 1Page - ON Semiconductor FS6370 Datasheet HTML 2Page - ON Semiconductor FS6370 Datasheet HTML 3Page - ON Semiconductor FS6370 Datasheet HTML 4Page - ON Semiconductor FS6370 Datasheet HTML 5Page - ON Semiconductor FS6370 Datasheet HTML 6Page - ON Semiconductor FS6370 Datasheet HTML 7Page - ON Semiconductor FS6370 Datasheet HTML 8Page - ON Semiconductor FS6370 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
FS6370
achieve a desired input-frequency-to-output-frequency ratio without making both the reference and feedback divider values
comparatively large. Generally, very large values are undesirable as they degrade the bandwidth of the PLL, increasing phase jitter and
acquisition time.
To understand the operation of the feedback divider, refer to Figure 4. The M-counter (with a modulus always equal to M) is cascaded
with the dual-modulus pre-scaler. The A-counter controls the modulus of the pres-caler. If the value programmed into the A-counter is
A, the pre-scaler will be set to divide by N+1 for A pre-scaler outputs. Thereafter, the prescaler divides by N until the M-counter output
resets the A-counter, and the cycle begins again. Note that N=8, and A and M are binary numbers.
Figure 4: Feedback Divider
Suppose that the A-counter is programmed to zero. The modulus of the pre-scaler will always be fixed at N; and the entire modulus of
the feedback divider becomes MxN.
Next, suppose that the A-counter is programmed to a one. This causes the pre-scaler to switch to a divide-by-N+1 for its first divide
cycle and then revert to a divide-by-N. In effect, the A-counter absorbs (or "swallows") one extra clock during the entire cycle of the
feedback divider. The overall modulus is now seen to be equal to MxN+1.
This example can be extended to show that the feedback divider modulus is equal to MxN+A, where A<M.
3.1.3. Feedback Divider Programming
For proper operation of the feedback divider, the A-counter must be programmed only for values that are less than or equal to the M-
counter. Therefore, not all divider moduli below 56 are available for use. This is shown in Table 2.
Above a modulus of 56, the feedback divider can be programmed to any value up to 2047.
Table 2: Feedback Divider Modulus Under 56
A-Counter: FBKDIV[2:0]
M-Counter:
FBKDIV[10:3]
000
001
010
011
100
101
110
111
00000001
8
9
-
-
-
-
-
-
00000010
16
17
18
-
-
-
-
-
00000011
24
25
26
27
-
-
-
-
00000100
32
33
34
35
36
-
-
-
00000101
40
41
42
43
44
45
-
-
00000110
48
49
50
51
52
53
54
-
00000111
56
57
58
59
60
61
62
63
Feedback Divider Modulus
3.2 Post Divider Muxes
As shown in Figure 2, a mux in front of each post divider stage can select from any one of the three PLL frequencies or the reference
frequency. The mux selection is controlled by bits in the EEPROM or the control registers.
The input frequency on two of the four multiplexers (muxes C and D in Figure 2) can be altered without reprogramming by a logic-level
input on the SEL_CD pin.
Rev. 3 | Page 4 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com