Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6370 Datasheet(PDF) 16 Page - ON Semiconductor

Part # FS6370
Description  EEPROM Programmable 3-PLL Clock Generator IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6370 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FS6370 Datasheet HTML 12Page - ON Semiconductor FS6370 Datasheet HTML 13Page - ON Semiconductor FS6370 Datasheet HTML 14Page - ON Semiconductor FS6370 Datasheet HTML 15Page - ON Semiconductor FS6370 Datasheet HTML 16Page - ON Semiconductor FS6370 Datasheet HTML 17Page - ON Semiconductor FS6370 Datasheet HTML 18Page - ON Semiconductor FS6370 Datasheet HTML 19Page - ON Semiconductor FS6370 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
FS6370
Table 9: MUX Select Bits
Name
Description
MUX A Frequency Select
Bit 23
Bit 22
0
0
Reference frequency
0
1
PLL A frequency
1
0
PLL B frequency
MUX_A[1:0]
(Bits 23-22)
1
1
PLL C frequency
MUX B Frequency Select
Bit 47
Bit 46
0
0
Reference frequency
0
1
PLL A frequency
1
0
PLL B frequency
MUX_B[1:0]
(Bits 47-46)
1
1
PLL C frequency
MUX C1 Frequency Select – Selected when the SEL_CD pin = 0
Bit 71
Bit 70
Reference frequency
0
0
PLL A frequency
0
1
PLL B frequency
1
0
PLL C frequency
MUX_C1[1:0]
(Bits 71-70)
1
1
MUX C2 Frequency Select – Selected when the SEL_CD pin = 1
Bit 125
Bit 124
0
0
Reference frequency
0
1
PLL A frequency
1
0
PLL B frequency
MUX_C2[1:0]
(Bits 125-124)
1
1
PLL C frequency
MUX D1 Frequency Select – Selected when the SEL_CD pin = 0
Bit 95
Bit 94
0
0
Reference frequency
0
1
PLL A frequency
1
0
PLL B frequency
MUX_D1[1:0]
(Bits 95-94)
1
1
PLL C frequency
MUX D2 Frequency Select – Selected when the SEL_CD pin = 1
Bit 127
Bit 126
0
0
Reference frequency
0
1
PLL A frequency
1
0
PLL B frequency
MUX_D2[1:0]
(Bits 127-126)
1
1
PLL C frequency
Rev. 3 | Page 16 of 28 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com