Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY27EE16FZXECT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY27EE16FZXECT
Description  1 PLL In-System Programmable Clock Generator with Individual 16K EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27EE16FZXECT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY27EE16FZXECT Datasheet HTML 7Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 8Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 9Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 10Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 11Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 12Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 13Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 14Page - Cypress Semiconductor CY27EE16FZXECT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY27EE16ZE
Document #: 38-07440 Rev. *C
Page 11 of 17
Sequential Read
Sequential read operations follow the same process as
random reads except that the master issues an acknowledge
instead of a STOP condition after transmission of the first 8-bit
data word. This action results in an incrementing of the internal
address pointer, and subsequently output of the next 8-bit data
word. By continuing to issue acknowledges instead of STOP
conditions, the master may serially read the entire contents of
the 16-kbit EEPROM scratchpad memory. When the internal
address pointer points to the FFH word of a EEPROM block,
after the next increment, the pointer will point to the 00H word
of the next block. After incrementing to the FFH word of the
eighth block, the next increment will point the pointer to the
00H word of the 1st EEPROM block. Similarly, sequential
reads within either the EEPROM or SRAM clock configuration
blocks will wrap within the block to the first word of the same
block after reaching the end of either block.
SCL
START
Condition
SDAT
STOP
Data may
Address or
Acknowledge
Valid
be changed
Condition
Figure 3. Data Transfer Sequence on the Serial Bus
SDAT Write
Start Signal
Device
Address
7-bit
R/W = 0
1 Bit
8-bit
Register
Address
Slave
1 Bit
ACK
Slave
1 Bit
ACK
8-bit
Register
Data
Stop Signal
Multiple
Contiguous
Registers
Slave
1 Bit
ACK
8-bit
Register
Data
(XXH)
(XXH)
(XXH+1)
Slave
1 Bit
ACK
8-bit
Register
Data
(XXH+2)
Slave
1 Bit
ACK
8-bit
Register
Data
(XXH)
Slave
1 Bit
ACK
8-bit
Register
Data
(X0H)
Slave
1 Bit
ACK
Slave
1 Bit
ACK
SDAT Read
Start Signal
Device
Address
7-bit
R/W = 1
1 Bit
8-bit
Register
Data
Slave
1 Bit
ACK
Slave
1 Bit
ACK
Stop Signal
SDAT Read
Start Signal
Device
Address
7-bit
R/W = 0
1 Bit
8-bit
Register
Address
Slave
1 Bit
ACK
Slave
1 Bit
ACK
7-bit
Device
Stop Signal
Multiple
Contiguous
Registers
Master
1 Bit
ACK
8-bit
Register
Data
Master
1 Bit
ACK
(XXH)
(XXH)
Master
1 Bit
ACK
8-bit
Register
Data
(XXH+1)
Master
1 Bit
ACK
8-bit
Register
Data
(8FFH)
Master
1 Bit
ACK
8-bit
Register
Data
(000H)
Master
1 Bit
ACK
Master
1 Bit
ACK
Current
Address
Read
16 byte wrap
Address
+R/W=1
Repeated
Start bit
Figure 4. Data Frame Architecture
SDAT
SCLK
Data Valid
Transition
to next Bit
CLKLOW
CLKHIGH
VIH
VIL
tSU
tDH
Figure 5. Data Valid and Data Transition Periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com