Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2982 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD2982
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2982 Datasheet(HTML) 2 Page - STMicroelectronics

  LD2982 Datasheet HTML 1Page - STMicroelectronics LD2982 Datasheet HTML 2Page - STMicroelectronics LD2982 Datasheet HTML 3Page - STMicroelectronics LD2982 Datasheet HTML 4Page - STMicroelectronics LD2982 Datasheet HTML 5Page - STMicroelectronics LD2982 Datasheet HTML 6Page - STMicroelectronics LD2982 Datasheet HTML 7Page - STMicroelectronics LD2982 Datasheet HTML 8Page - STMicroelectronics LD2982 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LD2982 SERIES
2/13
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
ORDERING CODES
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
16
V
VINH
INHIBIT Input Voltage
16
V
IO
Output Current
Internally limited
Ptot
Power Dissipation
Internally limited
Tstg
Storage Temperature Range
-65 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
SOT23-5L
Unit
Rthj-case
Thermal Resistance Junction-case
81
°C/W
SOT23-5L
Pin N° Symbol
Name and Function
1
IN
Input Port
2
GND
Ground Pin
3
INHIBIT Control switch ON/OFF. Inhibit is not
internally pulled-up; it cannot be left
floating. Disable the device when
connected to GND or to a positive
voltage less than 0.18V
4
Bypass Bypass Pin: Capacitor to be
connected to GND in order to
improve the thermal noise
performances.
5
OUT
Output Port
A VERSION
B VERSION
OUTPUT VOLTAGES
LD2982AM15R
LD2982BM15R
1.5V
LD2982AM18R
LD2982BM18R
1.8V
LD2982AM25R
LD2982BM25R
2.5V
LD2982AM28R
LD2982BM28R
2.8V
LD2982AM285R
LD2982BM285R
2.85V
LD2982AM30R
LD2982BM30R
3.0V
LD2982AM31R
LD2982BM31R
3.1V
LD2982AM32R
LD2982BM32R
3.2V
LD2982AM33R
LD2982BM33R
3.3V
LD2982AM35R
LD2982BM35R
3.5V
LD2982AM36R
LD2982BM36R
3.6V
LD2982AM38R
LD2982BM38R
3.8V
LD2982AM40R
LD2982BM40R
4.0V
LD2982AM47R
LD2982BM47R
4.7V
LD2982AM50R
LD2982BM50R
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com