Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2982 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD2982
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2982 Datasheet(HTML) 4 Page - STMicroelectronics

  LD2982 Datasheet HTML 1Page - STMicroelectronics LD2982 Datasheet HTML 2Page - STMicroelectronics LD2982 Datasheet HTML 3Page - STMicroelectronics LD2982 Datasheet HTML 4Page - STMicroelectronics LD2982 Datasheet HTML 5Page - STMicroelectronics LD2982 Datasheet HTML 6Page - STMicroelectronics LD2982 Datasheet HTML 7Page - STMicroelectronics LD2982 Datasheet HTML 8Page - STMicroelectronics LD2982 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LD2982 SERIES
4/13
VO
Output Voltage
VI = 5.7V
4.653
4.7
4.747
V
IO = 1 to 50mA
4.629
4.77
V
IO =1to 50mA
TJ= -40 to 125°C
4.606
4.794
V
VO
Output Voltage
VI = 6.0V
4.95
5
5.05
V
IO = 1 to 50mA
4.925
5.075
V
IO =1to 50mA
TJ= -40 to 125°C
4.9
5.1
V
ISC
Short Circuit Current
RL = 0
150
mA
∆V
O/∆VI Line Regulation
VI =VO+1V to 16V, IO = 1mA
0.003
0.014
%/VI
VI =VO+1V to 16V, IO = 1mA
TJ= -40 to 125°C
0.032
%/VI
Vd
Dropout Voltage
IO =0
1
3
mV
IO =0
TJ= -40 to 125°C
5mV
IO =1mA
7
10
mV
IO =1mA
TJ= -40 to 125°C
15
mV
IO = 10mA
40
60
mV
IO = 10mA
TJ= -40 to 125°C
90
mV
IO = 50mA
120
150
mV
IO = 50mA
TJ= -40 to 125°C
225
mV
Id
Quiescent Current
IO = 0
80
100
µA
IO =0
TJ= -40 to 125°C
150
µA
IO = 1mA
100
150
µA
IO =1mA
TJ= -40 to 125°C
200
µA
IO = 10mA
200
300
µA
IO = 10mA
TJ= -40 to 125°C
400
µA
IO = 50mA
600
900
µA
IO = 50mA
TJ= -40 to 125°C
1200
µA
OFF MODE VINH<0.18V
0
µA
OFF MODE VINH<0.18V
TJ= -40 to 125°C
1
µA
SVR
Supply Voltage Rejection
CBYP = 0.01µFCO =10µF
f = 1KHz
45
dB
VIL
Control Input Logic Low
TJ= -40 to 125°C
0.15
V
VIH
Control Input Logic High
TJ= -40 to 125°C
2V
IiNH
Control Input Current
TJ= -40 to 125°C
VSHDN =5V
515
µA
TJ= -40 to 125°C
VSHDN =0V
0-1
µA
eN
Output Noise Voltage
B= 300Hz to 50KHz
CBYP = 0.01µFCO =10µF
30
µV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com