Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2982 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD2982
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2982 Datasheet(HTML) 3 Page - STMicroelectronics

  LD2982 Datasheet HTML 1Page - STMicroelectronics LD2982 Datasheet HTML 2Page - STMicroelectronics LD2982 Datasheet HTML 3Page - STMicroelectronics LD2982 Datasheet HTML 4Page - STMicroelectronics LD2982 Datasheet HTML 5Page - STMicroelectronics LD2982 Datasheet HTML 6Page - STMicroelectronics LD2982 Datasheet HTML 7Page - STMicroelectronics LD2982 Datasheet HTML 8Page - STMicroelectronics LD2982 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LD2982 SERIES
3/13
ELECTRICAL CHARACTERISTICS FOR LD2982A (TJ = 25°C, VI=VO+1V, IO=1mA, VSHDN=2V,
CI =1µF, CO =1µF, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOp
Operating Input Voltage
2.5
16
V
VO
Output Voltage
VI = 2.5V
1.485
1.5
1.515
V
IO = 1 to 50mA
1.477
1.523
V
IO =1to 50mA
TJ= -40 to 125°C
1.470
1.530
V
VO
Output Voltage
VI = 2.8V
1.782
1.8
1.818
V
IO = 1 to 50mA
1.773
1.827
V
IO =1to 50mA
TJ= -40 to 125°C
1.764
1.836
V
VO
Output Voltage
VI = 3.5V
2.475
2.5
2.525
V
IO = 1 to 50mA
2.462
2.537
V
IO =1to 50mA
TJ= -40 to 125°C
2.45
2.55
V
VO
Output Voltage
VI = 3.8V
2.772
2.8
2.828
V
IO = 1 to 50mA
2.758
2.842
V
IO =1to 50mA
TJ= -40 to 125°C
2.744
2.856
V
VO
Output Voltage
VI = 3.85V
2.821
2.85
2.879
V
IO = 1 to 50mA
2.807
2.893
V
IO =1to 50mA
TJ= -40 to 125°C
2.793
2.907
V
VO
Output Voltage
VI = 4.0V
2.970
3.0
3.030
V
IO = 1 to 50mA
2.955
3.045
V
IO =1to 50mA
TJ= -40 to 125°C
2.94
3.06
V
VO
Output Voltage
VI = 4.1V
3.069
3.1
3.131
V
IO = 1 to 50mA
3.053
3.146
V
IO =1to 50mA
TJ= -40 to 125°C
3.038
3.162
V
VO
Output Voltage
VI = 4.2V
3.168
3.2
3.232
V
IO = 1 to 50mA
3.152
3.248
V
IO =1to 50mA
TJ= -40 to 125°C
3.136
3.264
V
VO
Output Voltage
VI = 4.3V
3.267
3.3
3.333
V
IO = 1 to 50mA
3.250
3.349
V
IO =1to 50mA
TJ= -40 to 125°C
3.234
3.366
V
VO
Output Voltage
VI = 4.5V
3.465
3.5
3.535
V
IO = 1 to 50mA
3.447
3.552
V
IO =1to 50mA
TJ= -40 to 125°C
3.43
3.57
V
VO
Output Voltage
VI = 4.6V
3.564
3.6
3.636
V
IO = 1 to 50mA
3.546
3.654
V
IO =1to 50mA
TJ= -40 to 125°C
3.528
3.672
V
VO
Output Voltage
VI = 4.8V
3.762
3.8
3.838
V
IO = 1 to 50mA
3.743
3.857
V
IO =1to 50mA
TJ= -40 to 125°C
3.724
3.876
V
VO
Output Voltage
VI = 5.0V
3.96
4
4.04
V
IO = 1 to 50mA
3.94
4.06
V
IO =1to 50mA
TJ= -40 to 125°C
3.92
4.08
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com