Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD2985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD2985 Datasheet HTML 5Page - STMicroelectronics LD2985 Datasheet HTML 6Page - STMicroelectronics LD2985 Datasheet HTML 7Page - STMicroelectronics LD2985 Datasheet HTML 8Page - STMicroelectronics LD2985 Datasheet HTML 9Page - STMicroelectronics LD2985 Datasheet HTML 10Page - STMicroelectronics LD2985 Datasheet HTML 11Page - STMicroelectronics LD2985 Datasheet HTML 12Page - STMicroelectronics LD2985 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LD2985 SERIES
9/13
Figure 13 : Load Transient
Figure 14 : Load Transient
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LD2985 requires external capacitors for regulator stability. This
capacitor must be selected to meet the requirements of minimum capacitance and equivalent series
resistance. We suggest to solder input and output capacitors as close as possible to the relative pins.
INPUT CAPACITOR
An input capacitor whose value is 1µF is required with the LD2985 (amount of capacitance can be
increased without limit). This capacitor must be located a distance of not more than 0.5" from the input pin
of the device and returned to a clean analog ground. Any good quality ceramic, tantalum or film capacitors
can be used for this capacitor.
OUTPUT CAPACITOR
The LD2985 is designed specifically to work with ceramic output capacitors. It may also be possible to use
Tantalum capacitors, but these are not as attractive for reasons of size and cost. By the way, the output
capacitor must meet both the requirement for minimum amount of capacitance and E.S.R. (equivalent
series resistance) value. Due to the different loop gain, the stability improves for higher output versions
and so the suggested minimum output capacitor value, if low E.S.R. ceramic type is used, is 1µF for
output voltages equal or major than 3.8V, 2.2µF for VO going from 1.8 to 3.3V, and 3.3µF for the other
versions. However, if an output capacitor lower than the suggested one is used, it's possible to make
stable the regulator adding a resistor in series to the capacitor.
IMPORTANT:
The output capacitor must maintain its ESR in the stable region over the full operating temperature to
assure stability. Also, capacitor tolerance and variation with temperature must be considered to assure
the minimum amount of capacitance is provided at all times. This capacitor should be located not more
than 0.5" from the output pin of the device and returned to a clean analog ground.
INHIBIT INPUT OPERATION
The inhibit pin can be used to turn OFF the regulator when pulled low, so drastically reducing the current
consumption down to less than 1µA. When the inhibit feature is not used, this pin must be tied to VI to
keep the regulator output ON at all times. To assure proper operation, the signal source used to drive the
inhibit pin must be able to swing above and below the specified thresholds listed in the electrical
characteristics section under VIH VIL. Any slew rate can beusedto drive theinhibit.
VO=2.5V, IO=0 to 50mA,no CI, CO=10µF,ts=tf=2ns
VO=2.5V, IO=0 to 50mA,no CI, CO=4.7µF,ts=tf=2ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com