Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD2985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985 Datasheet(HTML) 2 Page - STMicroelectronics

  LD2985 Datasheet HTML 1Page - STMicroelectronics LD2985 Datasheet HTML 2Page - STMicroelectronics LD2985 Datasheet HTML 3Page - STMicroelectronics LD2985 Datasheet HTML 4Page - STMicroelectronics LD2985 Datasheet HTML 5Page - STMicroelectronics LD2985 Datasheet HTML 6Page - STMicroelectronics LD2985 Datasheet HTML 7Page - STMicroelectronics LD2985 Datasheet HTML 8Page - STMicroelectronics LD2985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LD2985 SERIES
2/13
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
ORDERING CODES
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
16
V
VINH
INHIBIT Input Voltage
16
V
IO
Output Current
Internally limited
Ptot
Power Dissipation
Internally limited
Tstg
Storage Temperature Range
-65 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
SOT23-5L
Unit
Rthj-case
Thermal Resistance Junction-case
81
°C/W
SOT23-5L
Pin N° Symbol
Name and Function
1
IN
Input Port
2
GND
Ground Pin
3
INHIBIT Control switch ON/OFF. Inhibit is not
internally pulled-up; it cannot be left
floating. Disable the device when
connected to GND or to a positive
voltage less than 0.18V
4
Bypass Bypass Pin: Capacitor to be
connected to GND in order to
improve the thermal noise
performances.
5
OUT
Output Port
A VERSION
B VERSION
OUTPUT VOLTAGES
LD2985AM15R
LD2985BM15R
1.5V
LD2985AM18R
LD2985BM18R
1.8V
LD2985AM25R
LD2985BM25R
2.5V
LD2985AM28R
LD2985BM28R
2.8V
LD2985AM285R
LD2985BM285R
2.85V
LD2985AM30R
LD2985BM30R
3.0V
LD2985AM31R
LD2985BM31R
3.1V
LD2985AM32R
LD2985BM32R
3.2V
LD2985AM33R
LD2985BM33R
3.3V
LD2985AM35R
LD2985BM35R
3.5V
LD2985AM36R
LD2985BM36R
3.6V
LD2985AM38R
LD2985BM38R
3.8V
LD2985AM40R
LD2985BM40R
4.0V
LD2985AM47R
LD2985BM47R
4.7V
LD2985AM50R
LD2985BM50R
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com