Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD2985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2985 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD2985 Datasheet HTML 5Page - STMicroelectronics LD2985 Datasheet HTML 6Page - STMicroelectronics LD2985 Datasheet HTML 7Page - STMicroelectronics LD2985 Datasheet HTML 8Page - STMicroelectronics LD2985 Datasheet HTML 9Page - STMicroelectronics LD2985 Datasheet HTML 10Page - STMicroelectronics LD2985 Datasheet HTML 11Page - STMicroelectronics LD2985 Datasheet HTML 12Page - STMicroelectronics LD2985 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LD2985 SERIES
10/13
REVERSE CURRENT
The power transistor used in the LD2985 has not an inherent diode connected between the regulator input
and output. If the output is forced above the input, no current will flow from the output to the input across
the series pass transistor. When a VREV voltage is applied on the output, the reverse current measured
flows to the GND across the two feedback resistors. This current typical value is 160µA. R1 and R2
resistors are implanted type; typical values are, respectively, 42.6 K
Ω and 51.150 KΩ.
Figure 15 : Reverse Current Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com