Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB07R3EN Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PMPB07R3EN
Description  30 V, N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB07R3EN Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PMPB07R3EN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Nexperia
PMPB07R3EN
30 V, N-channel Trench MOSFET
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
30
V
VGS
gate-source voltage
Tj = 25 °C
-20
20
V
VGS = 10 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
17
A
VGS = 10 V; Tamb = 25 °C
[1]
-
12
A
ID
drain current
VGS = 10 V; Tamb = 100 °C
[1]
-
7.5
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
48
A
Tamb = 25 °C; t ≤ 5 s
[1]
-
3.8
W
Tamb = 25 °C
[1]
-
1.9
W
Ptot
total power dissipation
Tsp = 25 °C
-
12.5
W
Tj
junction temperature
-55
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Source-drain diode
IS
source current
Tamb = 25 °C
[1]
-
1.9
A
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and mounting pad for drain 6 cm2.
Tamb (°C)
-75
175
125
25
75
-25
aaa-030137
40
80
120
Pder
(%)
0
Fig. 1. Normalized total power dissipation as a
function of ambient temperature
Tamb (°C)
-75
175
125
25
75
-25
aaa-030138
40
80
120
Ider
(%)
0
Fig. 2. Normalized continous drain current as a
function of ambient temperature
PMPB07R3EN
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
27 November 2020
3 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com