Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB07R3EN Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # PMPB07R3EN
Description  30 V, N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB07R3EN Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button PMPB07R3EN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 13Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 14Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Nexperia
PMPB07R3EN
30 V, N-channel Trench MOSFET
13. Soldering
SOT1220-2
Footprint information for reflow soldering of DFN2020M-6 package
sot1220-2_fr
occupied area
solder paste
solder resist
solder land
Dimensions in mm
Issue date 20-03-17
20-06-17
0.25
0.21 0.11
0.35
0.3
0.2
0.65
0.45
0.5
0.4
0.3
0.2
0.05
1.2
1.3
2.6
0.45
0.4
0.2
1.1
0.36 0.46 0.56
1.2
0.7
0.8
0.9
2.3
recommended stencil thickness: 0.1 mm
Fig. 19. Reflow soldering footprint for DFN2020M-6 (SOT1220-2)
PMPB07R3EN
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
27 November 2020
12 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com