Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB07R3EN Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMPB07R3EN
Description  30 V, N-channel Trench MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB07R3EN Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMPB07R3EN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB07R3EN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Nexperia
PMPB07R3EN
30 V, N-channel Trench MOSFET
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
D
drain
2
D
drain
3
G
gate
4
S
source
5
D
drain
6
D
drain
7
D
drain
8
S
source
Transparent top view
1
2
3
6
7
8
5
4
DFN2020M-6 (SOT1220-2)
S
D
G
mbb076
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PMPB07R3EN
DFN2020M-6 plastic thermal enhanced ultra thin small outline package; no
leads; 6 terminals; body 2 x 2 x 0.65 mm
SOT1220-2
7. Marking
Table 4. Marking codes
Type number
Marking code
PMPB07R3EN
ZQ
PMPB07R3EN
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
27 November 2020
2 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com