Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS0907 Datasheet(PDF) 12 Page - Mosel Vitelic, Corp

Part # MSS0907
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0907 Datasheet(HTML) 12 Page - Mosel Vitelic, Corp

Back Button MSS0907 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 11Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 12Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 13Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 14Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 15Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 16Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
PID247*** 09/96
MSS0307/S0607/S0907/S1207/S1507/S1807
MOSEL VITELIC INC.
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)
12/39
COB Information II
Silk screen & copper print
COB model number : MSM9226
Board size : 100 mm x 80 mm
Double size
Legend
R1
DRV
SNK
D1
D2
D3
D4
D5
OS
OW
OX
OY
OZ
OS
OW
OX
OY
OZ
D6
D7
D8
D9
D10
SN:
JP5
RW4
RW3
RW2
RW1
SW4
SW3
SW2
SW1
SW8
SW7
SW6
SW5
SW12
SW11
SW10
SW9
SW16
SW15
SW14
SW13
K1
K2
K3
K4
TGA
TGB
TGC
MOSEL-VITELIC INC. MSM9226 V1M1 (C) 1996
OKY
INT
BUZZER
JP2
SPK
JP1
JP3
GND
Vdd
HI
LO
AB
C
AB
C
RW1
Vdd
JP4
SEL
Vss
K1
K2
K3
K4
RW1
RW2
RW3
RW4
Cout
Vdd
TGA
TGB
TGC
OS
OW
OX
OY
OZ
Through hole
LED lamp
Chip covered
copper pad & through hole
copper pad & through hole
copper pad & through hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com