Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS0907 Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # MSS0907
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0907 Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button MSS0907 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 11Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 12Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 13Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Absolute Maximum Rating
Symbol
T (Operating)
T (Storage)
V
~ V
DD
SS
VIN
V
OUT
Rating
-0.5 ~ +7.0
-10 ~ +60
-55 ~ +125
V
-0.3 < V
< V
+0.3
SS
IN
DD
V
<V
< V
OUT
SS
DD
C
Unit
V
V
V
C
Pitches Reference
111
7
73% x Fosc Fosc / 1.37 Slowest
110
6
80% x Fosc
Fosc / 1.25
101
5
88% x Fosc
Fosc / 1.13
100
4
100% x Fosc
Standard
011
3
115% x Fosc
010
2
133% x Fosc
001
1
158% x Fosc
000
0
198% x Fosc
Fastest
Mask Index
Playback
PlaybackPitc
h
The precision is +/- 10%
Loudness Levels Reference
Mask
111
7 100% x Ico Loudest
110
6
87% x Ico
101
5
75% x Ico
100
4
62% x Ico
011
3
50% x Ico
010
2
37% x Ico
001
1
25% x Ico
000
0
12% x Ico Least Loud
The precision is +/- 10%
Index
I output
Loudness
9/39
Lower Key Priority Reference
Priority
Trigger
Sentence
Remarks
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Highest
Lowest
K1RW1
K1RW2
K1RW3
K1RW4
K2RW1
K2RW2
K2RW3
K2RW4
K3RW1
K3RW2
K3RW3
K3RW4
K4RW1
K4RW2
K4RW3
K4RW4
TGA/OKY
TGB
TGC/INT
PID247*** 09/96
MSS0307/S0607/S0907/S1207/S1507/S1807
MOSEL VITELIC INC.
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)
Ico Reference Curves
Ico(mA)
6
5
4
3
2
1
3
4
56
(Vdd)
Curve 3
Curev2
These curves show the typical values. The max. and min.
values are not identified.
Fosc Characteristics
Fosc(H2)
6000
4000
2000
3
4
56
(Vdd)
@600 K ohm Rosc & pitch option 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com