Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS0907 Datasheet(PDF) 24 Page - Mosel Vitelic, Corp

Part # MSS0907
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0907 Datasheet(HTML) 24 Page - Mosel Vitelic, Corp

Back Button MSS0907 Datasheet HTML 20Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 21Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 22Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 23Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 24Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 25Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 26Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 27Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 28Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
TGA
No use & don't care
TGC
No use & don't care
Ring 5 LEDs
Ring 4 LEDs
Ring 3 LEDs
No Ring LED
No use and don't care
Small Loop (17-32)
Large Loop (1-32)
No use and don't care
CycleLoop=Sentenc.Count
CycleLoop=
No use and don't care
PlayAll
Play Random
C h i p d e s c r i p t i o n s
T i t l e
SampleRate
Output
Device
Working
Voltage
Power
Source
2.5 V at curve 3
3.0 V at curve 3
3.5 V at curve 3
4.0 V at curve 3
4.5 V at curve 3
5.0 V at curve 3
5.5 V at curve 2
6.0 V at curve 2
Battery size "D"
Battery size "AA"
Battery size "AAA"
other size =
Mains
Other
G e n e r a l D e s c r i p t i o n s
Customer
Agent
Sales
Repr'tives
Providing
to
MVI
Service
Required
from
MVI
Who is MVI sales you contact ?
8-bit PCM sound files
.WAV sound files
DAT or equivalent
application is special,
see our written memo
Others
EPROMs with data inside
files to be programmed into
EPROM
9026 emul'n board & Eprom
Confirm table
Others
Hz
Buzzer (F fr =1KHz)
Speaker (0.25W,
8 ohm, 1" diam.)
Other:
Specify below only for OKY
24/39
Form N is attached due to this Single page form meets my need.
Forms J, F and H are attached due to these quick forms meet my demand.
Form G, F, A8, 7, 6, 5, 4, 3, 2, 1 are attached due to my application is delicate.
Company Name :
Signature :
Department/Section :
Fax number :
Date :
Position Title :
T o :
Attn :
Mosel Vitelic Inc.
886-3-577-2788 (fax)
Sales & Marketing Department
I hereby request MVI to start preparing produce MSS0907 which is specified as below description as well
as attached form(s).
I already read this data sheet PID247 *** and understand MSS0907 completely and know
how to specify to fit my requirement.
Its voice storage limitation is D800h.
P r o d u c t R e q u e s t F o r m
Cannot proceed when empty
PlayNext in Home sequence after Interrupt
PlayNext in Continue seque. after Interrupt
OKY
INT
MSS0307/S0607/S0907/S1207/S1507/S1807
MSS0907
MOSEL VITELIC INC.
PID247*** 09/96
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com