Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PH12-R00 Datasheet(PDF) 30 Page - Lumileds Lighting Company

Part # LXK2-PH12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PH12-R00 Datasheet(HTML) 30 Page - Lumileds Lighting Company

Back Button LXK2-PH12-R00 Datasheet HTML 26Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 27Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 28Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 29Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 30Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 31Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 32Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 33Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 34Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
30
Typical Radiation Patterns
Typical Representative Spatial Radiation Pattern
for White Lambertian
Typical Polar Radiation Pattern for White Lambertian
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-100
-80
-60
-40
-20
0
20
40
60
80
100
Angular Displacement (Degrees)
0
20% 40% 60% 80% 100%
0º
30º
60º
90º
- 30º
- 60º
- 90º
Figure 27: Typical Representative Spatial Radiation Pattern for White Lambertian.
Figure 28: Typical Polar Radiation Pattern for White Lambertian.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com