Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PH12-R00 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXK2-PH12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PH12-R00 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LXK2-PH12-R00 Datasheet HTML 3Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 4Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 5Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 6Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 9Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 10Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
7
Optical Characteristics
LUXEON K2 at Test Current[1]
Junction Temperature, TJ = 25°C
Table 3.
T
Ty
yp
piic
ca
all
T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h [2]
λλ
D
D,,
T
Ty
yp
piic
ca
all
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all
T
Ty
yp
piic
ca
all
P
Pe
ea
ak
k W
Wa
av
ve
elle
en
ng
gtth
h [3]
λλ
P
P,,
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
IIn
nc
cllu
ud
de
ed
d
V
Viie
ew
wiin
ng
g
o
orr C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e [4]
H
Ha
allff w
wiid
dtth
h [6]
W
Wa
av
ve
elle
en
ng
gtth
h
A
An
ng
glle
e [7]
A
An
ng
glle
e [8]
C
CC
CT
T
((n
nm
m))
((n
nm
m//ooC
C))
((d
de
eg
grre
ee
es
s))
((d
de
eg
grre
ee
es
s))
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
ΔΔλλ
1
1//2
2
ΔΔλλ
D
D/
/
ΔΔTT
J
J
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
Cool White
4500 K
6500 K
10000 K
160
140
Neutral White
3500K
4100K
4500K
160
140
Warm White
2650K
3000K
3500K
160
140
Green
520 nm
530 nm
550 nm
35
0.04
160
140
Cyan
490 nm
505 nm
520 nm
30
0.04
160
140
Blue
460 nm
470 nm
490 nm
25
0.04
160
140
Royal Blue
[3]
440 nm
455 nm
460 nm
20
0.04
160
140
Red
620.5 nm
627 nm
645 nm
20
0.05
160
140
RedOrange
613.5 nm
617 nm
620.5 nm
20
0.06
160
140
Amber
584.5 nm
590 nm
597 nm
14
0.09
160
140
Notes for Table 3:
1.
Test current is 350 mA for all LXK2
xxx2
xxx (L2K2
xxx2
11
xxxx for K2 Star) products, and 1000 mA for all
LXK2
xxx4
xxx products (L2K2
xxx4
11
xxxx for K2 Star).
2.
Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color. Philips
Lumileds maintains a tolerance of ± 0.5 nm for dominant wavelength measurements.
3.
Royal blue product is binned by radiometric power and peak wavelength rather than photometric lumens and dominant
wavelength. Philips Lumileds maintains a tolerance of ± 2nm for peak wavelength measurements.
4.
CCT ±5% tester tolerance
5.
Typical CRI (Color Rendering Index) for CoolWhite product is 70, NeutralWhite is 75, and WarmWhite is 80.
6.
Spectral width at ½ of the peak intensity.
7.
Total angle at which 90% of total luminous flux is captured.
8.
Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
9.
All white, green, cyan, blue and royal blue products are built with Indium Gallium Nitride (InGaN).
10. All red, redorange and amber products are built with Aluminum Indium Gallium Phosphide (AlInGaP).
11. Blue and royal blue power light sources represented here are IEC825 class 2 for eye safety.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com