Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PH12-R00 Datasheet(PDF) 22 Page - Lumileds Lighting Company

Part # LXK2-PH12-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PH12-R00 Datasheet(HTML) 22 Page - Lumileds Lighting Company

Back Button LXK2-PH12-R00 Datasheet HTML 18Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 19Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 20Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 21Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 22Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 23Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 24Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 25Page - Lumileds Lighting Company LXK2-PH12-R00 Datasheet HTML 26Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
22
Typical Light Output Characteristics Over Temperature, Continued
Royal Blue at Test Current
Red, RedOrange and Amber at Test Current
Figure 13. Relative light output vs. junction temperature for red, redorange and amber.
0%
25%
50%
75%
100%
125%
150%
175%
200%
-20
0
20
40
60
80
100
120
140
Junction Temperature, TJ (
oC)
Red Photometric
Red-Orange Photometric
Amber Photometric
50%
60%
70%
80%
90%
100%
110%
120%
130%
140%
150%
-15
5
25
45
65
85
105
125
145
165
185
Junction Temperature, T J (°C)
Royal Blue Radiometric
Figure 12e. Relative light output vs. junction temperature for royal blue.
J
Ju
un
nc
cttiio
on
n T
Te
em
mp
pe
erra
attu
urre
e,, T
TJJ =
= °°C
C
J
Ju
un
nc
cttiio
on
n T
Te
em
mp
pe
erra
attu
urre
e,, T
TJJ =
= °°C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com