Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1714AUJZ-3.3-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1714AUJZ-3.3-R7
Description  evaluation boards
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1714AUJZ-3.3-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1714AUJZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EVAL-ADP1712/ADP1713/ADP1714
Rev. 0 | Page 3 of 8
EVALUATION BOARD HARDWARE AND SCHEMATIC
IN
GND
EN
OUT
1
2
3
5
4
U1
C1
C2
R1
R2
J1
C3
SS/ADJ/
BYP/TRK
VIN
VOUT
Figure 2. Evaluation Board Schematic
Table 1. Evaluation Board Hardware Components
Component
Function
Description
U11
Linear regulator
ADP1712/ADP1713/ADP1714 Low Dropout Linear Regulator.
C1
Input capacitor
2.2 μF Input Bypass Capacitor.
C2
Output capacitor
2.2 μF Output Capacitor. Required for stability and transient performance.
C32
Soft start/bypass capacitor
10 nF Soft Start Capacitor (ADP1712 Fixed Version) or 10 nF Bypass Capacitor
(ADP1713). Soft start capacitor determines VOUT ramp-up time during startup.
Bypass capacitor reduces output noise and improves PSRR.
R1, R23
Output voltage adjust resistors
External Resistors. Used to set VOUT with the ADP1712 adjustable version.
J1
Jumper
Jumper. Connects EN to IN for automatic startup.
1 Component varies depending on the evaluation board type ordered.
2 Present only on boards with ADP1712 fixed output devices and ADP1713.
3 Present only on boards with ADP1712 adjustable output devices.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com