Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1714AUJZ-3.3-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1714AUJZ-3.3-R7
Description  evaluation boards
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1714AUJZ-3.3-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1714AUJZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluation Board for the
ADP1712/ADP1713/ADP1714
EVAL-ADP1712/ADP1713/ADP1714
Rev. 0
Evaluation boards are only intended for device evaluation and not for production purposes.
Evaluation boards as supplied “as is” and without warranties of any kind, express, implied, or
statutory including, but not limited to, any implied warranty of merchantability or fitness for a
particular purpose. No license is granted by implication or otherwise under any patents or other
intellectual property by application or use of evaluation boards. Information furnished by Analog
Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devicesforitsuse,norforanyinfringementsofpatentsorotherrightsofthirdpartiesthatmayresult
from its use. Analog Devices reserves the right to change devices or specifications at any time
without notice.Trademarks and registered trademarks are the property of their respective owners.
Evaluationboardsarenotauthorizedtobeusedinlifesupportdevicesorsystems.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage range: 2.5 V to 5.5 V
Output current range: 0 mA to 300 mA
Output voltage accuracy: ±1%
Operating temperature range: −40°C to +125°C
External soft start (ADP1712 fixed)
Adjustable output voltages (ADP1712 adjustable)
Reference bypass to reduce noise (ADP1713)
Track mode (ADP1714)
GENERAL DESCRIPTION
The ADP1712/ADP1713/ADP1714 evaluation boards are used
to demonstrate the functionality of the ADP1712, ADP1713,
and ADP1714 series of linear regulators. Depending on what
component combinations are used, the evaluation board can
be used for ADP1712 fixed output voltage devices with soft
start, ADP1712 adjustable output voltage devices, ADP1713
fixed output voltage devices with a bypass capacitor, and ADP1714
fixed output voltage devices with tracking.
Simple device measurements such as line and load regulation,
dropout, and ground current can be demonstrated with just a
single voltage supply, a voltage meter, a current meter, and load
resistors.
For more details about the ADP1712/ADP1713/ADP1714
linear regulators, visit www.analog.com.
EVALUATION BOARD
GND
GND
GND
GND
C1
C2
U1
C3
R1
R2
VIN
VOUT
EN
J1
EVAL-ADP1712/ADP1713/ADP1714
SS/ADJ/BYP/TRK
Figure 1.


Similar Part No. - ADP1714AUJZ-3.3-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results

Similar Description - ADP1714AUJZ-3.3-R7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EVDD408 IXYS-EVDD408 Datasheet
85Kb / 2P
Gate Driver IC Evaluation Boards
logo
CRYSTEK CORPORATION
CEVAL-033 CRYSTEKMICROWAVE-CEVAL-033 Datasheet
298Kb / 1P
VCO Evaluation Boards
logo
STMicroelectronics
SPC570SADPT64S STMICROELECTRONICS-SPC570SADPT64S Datasheet
217Kb / 3P
SPC570Sx microcontroller premium evaluation boards
16-Jun-2015
SPC574SADPT144S STMICROELECTRONICS-SPC574SADPT144S Datasheet
233Kb / 4P
SPC574Sx microcontroller premium evaluation boards
26-Jan-2016
logo
Vicor Corporation
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
PRM짰 and VTM짰 Customer Evaluation Boards
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
PRM짰 and VTM짰 Customer Evaluation Boards
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
PRM-AL Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
PRM짰 and VTM짰 Customer Evaluation Boards
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
Compact Evaluation Boards
logo
STMicroelectronics
STM32MP157A-EV1 STMICROELECTRONICS-STM32MP157A-EV1 Datasheet
3Mb / 7P
Evaluation boards with STM32MP157 MPUs
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com