Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1714AUJZ-3.3-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1714AUJZ-3.3-R7
Description  evaluation boards
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1714AUJZ-3.3-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1714AUJZ-3.3-R7 Datasheet HTML 1Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 2Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 3Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 4Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 5Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 6Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 7Page - Analog Devices ADP1714AUJZ-3.3-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EVAL-ADP1712/ADP1713/ADP1714
Rev. 0 | Page 4 of 8
EVALUATION BOARD CONFIGURATIONS
The ADP1712/ADP1713/ADP1714 evaluation boards come
supplied with different components depending on which
version is ordered. Components common to all versions are
C1, C2, and J1.
ADP1712 FIXED OUTPUT WITH SOFT START
Evaluation boards that come supplied with the ADP1712 fixed
output voltage option devices has the additional C3 soft start
capacitor. This capacitor controls the rise time when the output
voltage starts up. Figure 3 shows the schematic of this evalua-
tion board configuration.
IN
GND
EN
OUT
1
2
3
5
4
U1
ADP1712
C1
C2
J1
C3
SS
VIN
VOUT
Figure 3. ADP1712 Fixed Output with Soft Start
ADP1712 ADJUSTABLE OUTPUT
Evaluation boards that come supplied with ADP1712 adjustable
output voltage option devices have the additional R1 and R2
resistors to set the output voltage. Figure 4 shows the schematic
of this evaluation board configuration.
IN
GND
EN
OUT
1
2
3
5
4
ADP1712
ADJUSTABLE
U1
C1
C2
R1
R2
J1
ADJ
VIN
VOUT
Figure 4. ADP1712 Adjustable Output
The output voltage is set based on the following equation:
)
2
1
(
V
8
.
0
R
R1
V
OUT
+
=
For example, if R1 = 10 kΩ and R2 = 4.99 kΩ, then VOUT
is 2.403 V.
ADP1713 FIXED OUTPUT WITH BYPASS
Evaluation boards that come supplied with ADP1713 fixed
output voltage option devices has the additional C3 bypass
capacitor to reduce the output noise and improve PSRR. Figure 5
shows the schematic of this evaluation board configuration.
IN
GND
EN
OUT
1
2
3
5
4
U1
ADP1713
C1
C2
J1
C3
BYP
VIN
VOUT
Figure 5. ADP1713 Fixed Output with Bypass
ADP1714 FIXED OUTPUT WITH TRACKING
Evaluation boards that come supplied with ADP1714 fixed
output voltage option devices with tracking do not have C3,
R1, or R2 populated. The user can instead connect an external
voltage to the SS/ADJ/BYP/TRK pad of the evaluation board
to use the track function. Figure 6 shows the schematic of this
evaluation board configuration.
IN
GND
EN
OUT
1
2
3
5
4
U1
ADP1714
C1
C2
J1
TRK
VIN
VOUT
VTRK
Figure 6. ADP1714 Fixed Output with Tracking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com