Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28323PVC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY28323PVC
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28323PVC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY28323PVC Datasheet HTML 1Page - Cypress Semiconductor CY28323PVC Datasheet HTML 2Page - Cypress Semiconductor CY28323PVC Datasheet HTML 3Page - Cypress Semiconductor CY28323PVC Datasheet HTML 4Page - Cypress Semiconductor CY28323PVC Datasheet HTML 5Page - Cypress Semiconductor CY28323PVC Datasheet HTML 6Page - Cypress Semiconductor CY28323PVC Datasheet HTML 7Page - Cypress Semiconductor CY28323PVC Datasheet HTML 8Page - Cypress Semiconductor CY28323PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PRELIMINARY
CY28323
Document #: 38-07004 Rev. *B
Page 4 of 22
Swing Select Functions
MULTSEL1
MULTSEL0
Board Target
Trace/Term Z
Reference R, IREF =
VDD/(3*Rr)
Output
Current
VOH @ Z
00
50
Ω
Rr = 221 1%,
IREF = 5.00 mA
IOH = 4*Iref
1.0V @ 50
00
60
Ω
Rr = 221 1%,
IREF = 5.00 mA
IOH = 4*Iref
1.2V @ 60
01
50
Ω
Rr = 221 1%,
IREF = 5.00 mA
IOH = 5*Iref
1.25V @ 50
01
60
Ω
Rr = 221 1%,
IREF = 5.00 mA
IOH = 5*Iref
1.5V @ 60
10
50
Ω
Rr = 221 1%,
IREF = 5.00 mA
IOH = 6*Iref
1.5V @ 50
10
60
Ω
Rr = 221 1%,
IREF = 5.00 mA
IOH = 6*Iref
1.8V @ 60
11
50
Ω
Rr = 221 1%,
IREF = 5.00 mA
IOH = 7*Iref
1.75V @ 50
11
60
Ω
Rr = 221 1%,
IREF = 5.00 mA
IOH = 7*Iref
2.1V @ 60
00
50
Ω
Rr = 475 1%,
IREF = 2.32 mA
IOH = 4*Iref
0.47V @ 50
00
60
Ω
Rr = 475 1%,
IREF = 2.32 mA
IOH = 4*Iref
0.56V @ 60
01
50
Ω
Rr = 475 1%,
IREF = 2.32 mA
IOH = 5*Iref
0.58V @ 50
01
60
Ω
Rr = 475 1%,
IREF = 2.32 mA
IOH = 5*Iref
0.7V @ 60
10
50
Ω
Rr = 475 1%,
IREF = 2.32 mA
IOH = 6*Iref
0.7V @ 50
10
60
Ω
Rr = 475 1%,
IREF = 2.32 mA
IOH = 6*Iref
0.84V @ 60
11
50
Ω
Rr = 475 1%,
IREF = 2.32 mA
IOH = 7*Iref
0.81V @ 50
11
60
Ω
Rr = 475 1%,
IREF = 2.32 mA
IOH = 7*Iref
0.97V @ 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com