Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28323PVC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28323PVC
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28323PVC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28323PVC Datasheet HTML 3Page - Cypress Semiconductor CY28323PVC Datasheet HTML 4Page - Cypress Semiconductor CY28323PVC Datasheet HTML 5Page - Cypress Semiconductor CY28323PVC Datasheet HTML 6Page - Cypress Semiconductor CY28323PVC Datasheet HTML 7Page - Cypress Semiconductor CY28323PVC Datasheet HTML 8Page - Cypress Semiconductor CY28323PVC Datasheet HTML 9Page - Cypress Semiconductor CY28323PVC Datasheet HTML 10Page - Cypress Semiconductor CY28323PVC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PRELIMINARY
CY28323
Document #: 38-07004 Rev. *B
Page 7 of 22
Bit 2
28
3V66_2
(Active/Inactive)
1
Bit 1
30
3V66_1
(Active/Inactive)
1
Bit 0
31
3V66_0
(Active/Inactive)
1
Data Byte 1 (continued)
Bit
Pin#
Name
Description
Power On
Default
Data Byte 2
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
Reserved
Reserved
0
Bit 6
17
PCI6
(Active/Inactive)
1
Bit 5
16
PCI5
(Active/Inactive)
1
Bit 4
15
PCI4
(Active/Inactive)
1
Bit 3
14
PCI3
(Active/Inactive)
1
Bit 2
12
PCI2
(Active/Inactive)
1
Bit 1
11
PCI1
(Active/Inactive)
1
Bit 0
10
PCI0
(Active/Inactive)
1
Data Byte 3
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
8
PCI_F2
(Active/Inactive)
1
Bit 6
7
PCI_F1
(Active/Inactive)
1
Bit 5
6
PCI_F0
(Active/Inactive)
1
Bit 4
--
Reserved
Reserved
0
Bit 3
44, 45
CPU_ITP, CPU_ITP#
(Active/Inactive)
1
Bit 2
--
Reserved
Reserved
0
Bit 1
1
REF1
(Active/Inactive)
1
Bit 0
48
REF0
(Active/Inactive)
1
Data Byte 4
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
MULTSEL_Override
This bit control the selection of IREF multiple.
0 = HW control; IREF multiplier is determined by
MULTSEL[0:1] input pins
1 = SW control; IREF multiplier is determined by Byte[4],
Bit[5:6].
0
Bit 6
--
SW_MULTSEL1
IREF multiplier
00 = Ioh is 4 x IREF
01 = Ioh is 5 x IREF
10 = Ioh is 6 x IREF
11 = Ioh is 7 x IREF
0
Bit 5
--
SW_MULTSEL0
0
Bit 4
--
Reserved
Reserved
Reserved
Bit 3
--
Reserved
Reserved
Reserved
Bit 2
--
Reserved
Reserved
Reserved
Bit 1
--
Reserved
Reserved
Reserved
Bit 0
--
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com