Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28323PVC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY28323PVC
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28323PVC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY28323PVC Datasheet HTML 1Page - Cypress Semiconductor CY28323PVC Datasheet HTML 2Page - Cypress Semiconductor CY28323PVC Datasheet HTML 3Page - Cypress Semiconductor CY28323PVC Datasheet HTML 4Page - Cypress Semiconductor CY28323PVC Datasheet HTML 5Page - Cypress Semiconductor CY28323PVC Datasheet HTML 6Page - Cypress Semiconductor CY28323PVC Datasheet HTML 7Page - Cypress Semiconductor CY28323PVC Datasheet HTML 8Page - Cypress Semiconductor CY28323PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PRELIMINARY
CY28323
Document #: 38-07004 Rev. *B
Page 3 of 22
24_48MHz/FS1
23
I/O
24- or 48-MHz Output/Frequency Select 1: 3.3V fixed 24-MHz or 48-MHz
non-spread spectrum output. This pin also serves as a power-on strap option to
determine device operating frequency as described in Table 4.
This output will be used as the reference clock for SIO devices in Intel 845
(Brookdale) platforms. For Intel Brookdale - G platforms, this output will be used
as the reference clock for both USB host controller and SIO devices. We recom-
mend system designer to configure this output as 48 MHz and “HIGH Drive” by
setting Byte [5], Bit [0] and Byte [9], Bit [7], respectively.
PWR_DWN#
42
I
Power Down Control: 3.3V LVTTL-compatible input that places the device in
power-down mode when held LOW.
SCLK
26
I
SMBus Clock Input: Clock pin for serial interface.
SDATA
25
I/O
SMBus Data Input: Data pin for serial interface.
RST#
20
O
(open-
drain)
System Reset Output: Open-drain system reset output.
IREF
35
I
Current Reference for CPU Output: A precision resistor is attached to this pin
which is connected to the internal current reference.
VTT_PWRGD#
19
I
Powergood from Voltage Regulator Module (VRM): 3.3V LVTTL input.
VTT_PWRGD# is a level-sensitive strobe used to determine when FS0:4 and
MULTSEL0:1 inputs are valid and OK to be sampled (Active LOW). Once
VTT_PWRGD# is sampled LOW, the status of this input will be ignored.
VDD_REF,
VDD _PCI,
VDD_48MHz,
VDD_3V66,
VDD_CPU
2, 9, 18, 24,
32, 39, 46
P
3.3V Power Connection: Power supply for CPU outputs buffers, 3V66 output
buffers, PCI output buffers, reference output buffers and 48-MHz output buffers.
Connect to 3.3V.
GND_PCI,
GND_48MHz,
GND_3V66,
GND_CPU,
GND_REF,
5, 13, 21, 29,
36, 43, 47
G
Ground Connection: Connect all ground pins to the common system ground
plane.
VDD_CORE
34
P
3.3V Analog Power Connection: Power supply for core logic, PLL circuitry. Con-
nect to 3.3V.
GND_CORE
33
G
Analog Ground Connection: Ground for core logic, PLL circuitry.
Pin Definitions (continued)
Pin Name
Pin No.
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com