Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0004 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0004
Description  QFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0004 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0004 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0004 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
QFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
DIMENSIONS
mm
inches
REF.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.20
B
0.60
C
0.23
B2
1.58
C2
2.80
D
0.27
D2
0.81
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2010 Proto Advantage Inc.
A
B
C
D
E
B2
C2
D2
IIIP
P
PC
C
C0
0
00
0
00
0
04
4
4


Similar Part No. - IPC0004

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0001 PROTOADVANTAGE-IPC0001 Datasheet
42Kb / 2P
QFN-8 to DIP-8 SMT Adapter (0.4 mm pitch, 1.4 x 1.2 mm body)
revision 1.1
IPC0002 PROTOADVANTAGE-IPC0002 Datasheet
45Kb / 2P
QFN-8 to DIP-12 SMT Adapter (0.65 mm pitch, 3 x 3 mm body)
revision 1.0
IPC0003 PROTOADVANTAGE-IPC0003 Datasheet
46Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0005 PROTOADVANTAGE-IPC0005 Datasheet
46Kb / 2P
QFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 3.5 x 3.5 mm body)
revision 1.0
IPC0006 PROTOADVANTAGE-IPC0006 Datasheet
46Kb / 2P
QFN-16 to DIP-20 SMT Adapter (0.5 mm pitch, 3 x 3 mm body)
revision 1.0
More results

Similar Description - IPC0004

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD2 GREATECS-RD2 Datasheet
272Kb / 1P
10 x 10 mm Rotary DIP Switches with 1:4 Pinout
STA GREATECS-STA Datasheet
167Kb / 1P
4 x 3 mm Miniature SMT Tactile Switches
logo
ILSI America LLC
IL3R ILSI-IL3R Datasheet
46Kb / 2P
4 Pad Plastic Package, 1.4 mm x 7 mm
ILCX04 ILSI-ILCX04 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 5 mm x 7 mm
ILCX05 ILSI-ILCX05 Datasheet
53Kb / 2P
4 Pad Ceramic Package, 5.5 mm x 11.9 mm
ILCX13 ILSI-ILCX13 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 2.5 mm x 3.2 mm
ILCX18 ILSI-ILCX18 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 2 mm x 2.5 mm
ISM16 ILSI-ISM16 Datasheet
178Kb / 2P
1.6 mm x 1.2 mm 4 Pads SMD Oscillator
logo
Eaton All Rights Reserv...
HTB EATON-HTB Datasheet
341Kb / 2P
1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com