Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P10398L Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 715P10398L
Description  Polypropylene Film Capacitors ORANGE DROP® , Low Loss
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

715P10398L Datasheet(HTML) 5 Page - Vishay Siliconix

  715P10398L Datasheet HTML 1Page - Vishay Siliconix 715P10398L Datasheet HTML 2Page - Vishay Siliconix 715P10398L Datasheet HTML 3Page - Vishay Siliconix 715P10398L Datasheet HTML 4Page - Vishay Siliconix 715P10398L Datasheet HTML 5Page - Vishay Siliconix 715P10398L Datasheet HTML 6Page - Vishay Siliconix 715P10398L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
51
Type 715P
Vishay Sprague
Document Number: 42018
Revision 13-Nov-03
For technical questions, contact spresale@vishay.com
1200 VDC/475 VAC**
SIZE
LD
PART NUMBER
800 VDC/450 VAC**
µF
± 10% TOLERANCE
715P56298L
715P68298L
715P82298L
715P10398L
715P12398L
715P15398L
715P18398L
715P22398L
715P27398L
715P33398L
715P39398M
715P47398M
715P56398M
715P68398M
715P82398M
715P10498M
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
0.50 [12.70]
0.50 [12.70]
0.50 [12.70]
0.50 [12.70]
0.55 [13.97]
0.55 [13.97]
0.60 [15.24]
0.60 [15.24]
0.70 [17.78]
0.70 [17.78]
0.70 [17.78]
0.70 [17.78]
0.80 [20.32]
0.80 [20.32]
0.90 [22.86]
0.90 [22.86]
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
0.50 [12.70]
0.50 [12.70]
0.50 [12.70]
0.50 [12.70]
0.55 [13.97]
0.55 [13.97]
0.60 [15.24]
0.60 [15.24]
0.65 [16.51]
0.65 [16.51]
0.65 [16.51]
0.65 [16.51]
0.75 [19.05]
0.75 [19.05]
0.85 [21.59]
0.85 [21.59]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
715P272912L
715P332912L
715P392912L
715P472912L
715P562912L
715P682912L
715P822912L
715P103912L
715P123912L
715P153912L
715P183912M
715P223912M
715P273912M
715P333912M
715P393912M
715P473912M
1600 VDC/500 VAC**
715P182916L
715P222916L
715P272916L
715P332916L
715P392916L
715P472916L
715P562916L
715P682916L
715P822916L
715P103916L
715P123916M
715P153916M
715P183916M
715P223916M
715P273916M
715P333916M
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.30 [33.02]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
1.70 [43.18]
0.50 [12.70]
0.50 [12.70]
0.55 [13.97]
0.55 [13.97]
0.60 [15.24]
0.60 [15.24]
0.65 [16.51]
0.65 [16.51]
0.70 [17.78]
0.70 [17.78]
0.75 [19.05]
0.75 [19.05]
0.85 [21.59]
0.85 [21.59]
0.95 [24.13]
0.95 [24.13]
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
STANDARD RATINGS* in inches [millimeters]
* Shaded items, when ordered as ± 5% tolerance with D3 leads, are standard capacitors in stock and available through the Sprague® Distribution
Network. To complete the Type 715P Part Number, add the "D3" suffix and change the capacitance tolerance code number from a "9" to a "5"
to indicate ± 5% (i.e., 715P10456LD3). Any other Part Number, value or type may easily be ordered as a Special.
** 60Hz rms.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com