Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P10398L Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 715P10398L
Description  Polypropylene Film Capacitors ORANGE DROP® , Low Loss
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

715P10398L Datasheet(HTML) 6 Page - Vishay Siliconix

  715P10398L Datasheet HTML 1Page - Vishay Siliconix 715P10398L Datasheet HTML 2Page - Vishay Siliconix 715P10398L Datasheet HTML 3Page - Vishay Siliconix 715P10398L Datasheet HTML 4Page - Vishay Siliconix 715P10398L Datasheet HTML 5Page - Vishay Siliconix 715P10398L Datasheet HTML 6Page - Vishay Siliconix 715P10398L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 42018
Revision 13-Nov-03
www.vishay.com
52
Type 715P
Vishay Sprague
For technical questions, contact spresale@vishay.com
STANDARD MARKING FORMAT
DESCRIPTION
➁
Sprague® Identification
715P
Type Number
200 V
DC Voltage Rating, Volts
1239
Capacitance and Tolerance Code
9940
Weekly Date Code
(i.e. 40th week for 1999)
SAMPLE MARKING
➁715P200 V
1239 9340
TOLERANCE CODES
PER EIA STANDARDS
9 = ± 10%
5 = ± 5%
2 = ± 2%
9 = ± 10%
5 = ± 5%
2 = ± 2%
715P
TYPE
123
CAPACITANCE
This is expressed in
picofarads. The first
two digits are
significant. The
third is the number
of zeros to follow.
Values must
conform to decade
rating for the
tolerance specified.
This is expressed
in hundreds of
volts.
Example: 715P
R5 = 50 volts.
J
CASE
CODE
See
Dimensional
Configurations.
A = Straight lead.
B = Hairpin crimped.
D = Hockey crimped.
D
TERMINAL
3
LEAD LENGTH
1 = 0.187" ± 0.030"
[4.750 ± 0.762]
2 = 0.250" ± 0.030"
[6.350 ± 0.762]
3 = 1.250" [31.750]
Minimum
9
TOLERANCE
2
DC VOLTAGE
RATING @ + 85°C
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com