Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

715P10398L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 715P10398L
Description  Polypropylene Film Capacitors ORANGE DROP® , Low Loss
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

715P10398L Datasheet(HTML) 1 Page - Vishay Siliconix

  715P10398L Datasheet HTML 1Page - Vishay Siliconix 715P10398L Datasheet HTML 2Page - Vishay Siliconix 715P10398L Datasheet HTML 3Page - Vishay Siliconix 715P10398L Datasheet HTML 4Page - Vishay Siliconix 715P10398L Datasheet HTML 5Page - Vishay Siliconix 715P10398L Datasheet HTML 6Page - Vishay Siliconix 715P10398L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.vishay.com
47
Type 715P
Vishay Sprague
Document Number: 42018
Revision 13-Nov-03
For technical questions, contact spresale@vishay.com
Polypropylene Film Capacitors
ORANGE DROP
®, Low Loss
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C standard; up to
+ 105°C when working voltage is reduced to 50% of the
+ 85°C rating.
Insulation Resistance: After a 2 minute charge at rated
voltage or 500 V, whichever is less.
At + 25°C: 400,000 Megohm for C ≤ .5µF.
200,000 Megohm - Microfarads for C > .5 Microfarads.
At + 85°C: 20,000 Megohm for C ≤ .5 Microfarads.
10,000 Megohm - Microfarads for C > .5 Microfarads.
At + 105°C: 2000 Megohm for C ≤ .5µF.
1000 Megohm - Microfarads for C > .5 Microfarads.
Capacitance, Tolerance and Dissipation Factor:
Capacitors shall be measured at a frequency of 1000Hz
at + 25°C or else be referred to measurements made at
that frequency and temperature. The maximum dissipation
factor shall be 0.1%.
Dielectric Withstanding Voltage: Capacitors rated below
1000 volts shall withstand a DC potential of 250% of rated
voltage applied between terminals for not more than
5 seconds. Capacitors rated 1000 volts and above shall
withstand a DC potential of 200% of rated voltage applied
between the terminals for not more than 5 seconds. The
test voltage must be applied and discharged through a
resistor of one ohm per volt.
Not more than one failure allowed in 12 units tested.
Rated DC Voltage
200
400, 600
800, 1200, 1600
Maximum 60Hz Voltage
155
200
500
Polypropylene plastic film is employed as the dielectric in Type
715P ORANGE DROP® capacitors. Type 715P capacitors
are ideal for applications where high AC current flow is found,
as
in
certain
solid-state
TV
vertical
circuits,
r-f generators and pulse-forming networks where dielectric
heating is often a problem.
The polypropylene dielectric film is similar to polystyrene in
that it can handle high AC currents due to its low loss but with
the added advantage of an operating temperature to
+ 105°C.
Capacitance change with temperature is less than 3% over
the entire operating temperature range. The temperature
coefficient is negative and virtually linear at 180PPM/°C over
the temperature range of + 25°C to + 105°C. This characteristic
means the Type 715P is suitable for matching with positive TC
resistors and inductors to maintain circuit stability.
Type 715P ORANGE DROP® capacitors are conformally
coated with a flame retardant epoxy.
Performance characteristics, as well as curves showing typical
variation in electrical characteristics as a function of temperature
and frequency, are given.
Humidity Test: Condition capacitors with no voltage
applied for 72 hours at 95% relative humidity and + 75°C.
Remove capacitors from humidity chamber, wipe surface
dry of moisture and dry in circulating air for 4 hours.
Measure insulation resistance after a two minute charge at
+ 25°C and rated voltage or 500 VDC, whichever is less.
Minimum product of insulation resistance and capacitance
shall be 50,000 Megohm-microfarads after test but need
not exceed 100,000 Megohm. Not more than one failure
in 12 units tested shall be permitted.
DC Life Test: Capacitors are capable of withstanding a
500 hour life test at + 85°C at 150% of rated working
voltage. After test, capacitance shall not have changed by
more than 5% of initial value, insulation resistance shall
not have decreased by more than 50% of the initial limit
and dissipation factor shall not have increased to more
than 0.1%.
AC Life Test: Capacitors shall withstand the maximum
60Hz voltage for a period of 500 hours at + 85°C.


Similar Part No. - 715P10398L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
715P10398L CDE-715P10398L Datasheet
493Kb / 15P
Low dissipation factor.
More results

Similar Description - 715P10398L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
288P VISHAY-288P Datasheet
101Kb / 3P
R-C Arc Suppressors ORANGE DROP®, Radial Lead
13-Nov-03
225P VISHAY-225P Datasheet
97Kb / 5P
Polyester Capacitors Filmite® “E”, ORANGE DROP®, Radial Lead
19-Feb-07
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
Polypropylene Film Capacitors
PPL MERITEK-PPL Datasheet
157Kb / 1P
Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
Polypropylene Film Capacitors
logo
List of Unclassifed Man...
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
225P10591YD3 ETC2-225P10591YD3 Datasheet
212Kb / 8P
Type 225P, Orange Drop, Polyester Film/Foil Capacitors
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com