Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28443ZXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28443ZXC
Description  Clock Generator for Intel짰 Calistoga Chipset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28443ZXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28443ZXC Datasheet HTML 5Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 6Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 7Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 8Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 9Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 10Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 11Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 12Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
PRELIMINARY
CY28443
Document #: 38-07716 Rev *C
Page 9 of 25
1
1
RESERVED
RESERVED, Set = 1
0
1
PCIF0
33-MHz Output Drive Strength
0 = Low, 1 = High
Byte 8: Control Register 8 (continued)
Bit
@Pup
Name
Description
Byte 9: Control Register 9
Bit
@Pup
Name
Description
70
S3
27_96_100_SSC Spread Spectrum Selection table:
S[3:0] SS%
‘0000’ = –0.5%(Default value)
‘0001’ = –1.0%
‘0010’ = –1.5%
‘0011’ = –2.0%
‘0100’ = ±0.25%
‘0101’ = ±0.5%
‘0110’ = ±0.75%
‘0111’ = ±1.0%
‘1000’ = –0.35%
‘1001’ = –0.68%
‘1010’ = –1.09%
‘1011’ = –1.425%
‘1100’ = ±0.17%
‘1101’ = ±0.34%
‘1110’ = ±0.545%
‘1111’ = ±0.712%
60
S2
50
S1
40
S0
3
1
RESERVED
RESERVED, Set = 1
2
1
27M Spread
27-MHz Spread Output Enable
0 = Disable (Hi-Z), 1 = Enable
1
1
27M_SS/LCD100M
Spread Enable
27M_SS/LCD100M Spread spectrum enable.
0 = Disable, 1 = Enable.
0
0
PCIF1
33-MHz Output Drive Strength
0 = Low, 1 = High
Byte 10: Control Register 10
Bit
@Pup
Name
Description
7
1
SRC[T/C]11
SRC[T/C]11 Output Enable
0 = Disable (Hi-Z), 1 = Enable
6
1
SRC[T/C]9
SRC[T/C]9 Output Enable
0 = Disable (Hi-Z), 1 = Enable
5
1
RESERVED
RESERVED, Set = 1
4
1
SRC[T/C]8
SRC[T/C]8 Output Enable
0 = Disable (Hi-Z), 1 = Enable
3
0
SRC[T/C]9
Allow control of SRC[T/C]9 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
2
0
SRC[T/C]11
Allow control of SRC[T/C]11 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
1
0
RESERVED
RESERVED, Set = 0
0
0
SRC[T/C]8
Allow control of SRC[T/C]8 with assertion of SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com