Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28443ZXC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY28443ZXC
Description  Clock Generator for Intel짰 Calistoga Chipset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28443ZXC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY28443ZXC Datasheet HTML 9Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 10Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 11Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 12Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 13Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 14Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 15Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 16Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PRELIMINARY
CY28443
Document #: 38-07716 Rev *C
Page 13 of 25
PD (Power-down) Clarification
The VTT_PWRGD# /PD pin is a dual-function pin. During
initial power-up, the pin functions as VTT_PWRGD#. Once
VTT_PWRGD# has been sampled LOW by the clock chip, the
pin assumes PD functionality. The PD pin is an asynchronous
active HIGH input used to shut off all clocks cleanly prior to
shutting off power to the device. This signal is synchronized
internal to the device prior to powering down the clock synthe-
sizer. PD is also an asynchronous input for powering up the
system. When PD is asserted HIGH, all clocks need to be
driven to a LOW value and held prior to turning off the VCOs
and the crystal oscillator.
PD (Power-down) Assertion
When PD is sampled HIGH by two consecutive rising edges
of CPUC, all single-ended outputs will be held LOW on their
next HIGH-to-LOW transition and differential clocks must held
high or tri-stated (depending on the state of the control register
drive mode bit) on the next diff clock# HIGH-to-LOW transition
within 4 clock periods. When the SMBus PD drive mode bit
corresponding to the differential (CPU, SRC, and DOT) clock
output of interest is programmed to ‘0’, the clock output are
held with “Diff clock” pin driven HIGH at 2 x Iref, and “Diff
clock#” tri-state. If the control register PD drive mode bit corre-
sponding to the output of interest is programmed to “1”, then
both the “Diff clock” and the “Diff clock#” are tri-state. Note that
Figure 4 shows CPUT = 133 MHz and PD drive mode = ‘1’ for
all differential outputs. This diagram and description is appli-
cable to valid CPU frequencies 100, 133, 166, and 200 MHz.
In the event that PD mode is desired as the initial power-on
state, PD must be asserted HIGH in less than 10
µs after
asserting Vtt_PwrGd#. It should be noted that 96_100_SSC
will follow the DOT waveform is selected for 96 MHz and the
SRC waveform when in 100-MHz mode.
PD Deassertion
The power-up latency is less than 1.8 ms. This is the time from
the deassertion of the PD pin or the ramping of the power
supply until the time that stable clocks are output from the
clock chip. All differential outputs stopped in a three-state
condition resulting from power down will be driven high in less
than 300
µs of PD deassertion to a voltage greater than
200 mV. After the clock chip’s internal PLL is powered up and
locked, all outputs will be enabled within a few clock cycles of
each other. Figure 5 is an example showing the relationship of
clocks coming up. It should be noted that 96_100_SSC will
follow the DOT waveform is selected for 96 MHz and the SRC
waveform when in 100-MHz mode.
Figure 4. Power-down Assertion Timing Waveform
PD
USB, 48MHz
DOT96T
DOT96C
SRCT 100MHz
SRCC 100MHz
CPUT, 133MHz
PCI, 33 MHz
REF
CPUC, 133MHz
Figure 5. Power-down Deassertion Timing Waveform
DOT96C
PD
CPUC, 133MHz
CPUT, 133MHz
SRCC 100MHz
USB, 48MHz
DOT96T
SRCT 100MHz
Tstable
<1.8 ms
PCI, 33MHz
REF
Tdrive_PWRDN#
<300
µ♦, >200 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com