Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28443ZXC Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY28443ZXC
Description  Clock Generator for Intel짰 Calistoga Chipset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28443ZXC Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY28443ZXC Datasheet HTML 17Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 18Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 19Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 20Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 21Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 22Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 23Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 24Page - Cypress Semiconductor CY28443ZXC Datasheet HTML 25Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
PRELIMINARY
CY28443
Document #: 38-07716 Rev *C
Page 21 of 25
48_M at 3.3V
TDC
Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
Period
Measurement at 1.5V
20.83125
20.83542
ns
TPERIODAbs
Absolute Period
Measurement at 1.5V
20.48125
21.18542
ns
THIGH
48_M High time
Measurement at 2.4V
8.094
11.200
ns
TLOW
48_M Low time
Measurement at 0.4V
7.694
11.500
ns
TR / TF
Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
2.0
V/ns
TCCJ
Cycle to Cycle Jitter
Measurement at 1.5V
–
350
ps
LACC
48M Long Term Accuracy
Measured at crossing point VOX
–
100
ppm
27_M at 3.3V
TDC
Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
Spread Disabled 27M Period
Measurement at 1.5V
27.000
27.0547
ns
Spread Enabled 27M Period
Measurement at 1.5V
27.000
27.0547
THIGH
27_M High time
Measurement at 2.0V
10.5
–
ns
TLOW
27_M Low time
Measurement at 0.8V
10.5
–
ns
TR / TF
Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
4.4
V/ns
TCCJ
Cycle to Cycle Jitter
Measurement at 1.5V
–
520
ps
LACC
27_M Long Term Accuracy
Measured at crossing point VOX
–
0
ppm
REF at 3.3V
TDC
REF Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
REF Period
Measurement at 1.5V
69.8203
69.8622
ns
TPERIODAbs
REF Absolute Period
Measurement at 1.5V
68.82033
70.86224
ns
TR / TF
REF Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
4.0
V/ns
TSKEW
REF Clock to REF Clock
Measurement at 1.5V
–
500
ps
TCCJ
REF Cycle to Cycle Jitter
Measurement at 1.5V
–
1000
ps
LACC
Long Term Accuracy
Measurement at 1.5V
–
300
ppm
ENABLE/DISABLE and SET-UP
TSTABLE
Clock Stabilization from Power-up
–
1.8
ms
TSS
Stopclock Set-up Time
10.0
–
ns
AC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com