Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1321 Datasheet(PDF) 11 Page - Zetex Semiconductors

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A output and current control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1321 Datasheet(HTML) 11 Page - Zetex Semiconductors

Back Button ZXLD1321 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 9Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 10Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 11Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 12Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 13Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 14Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 15Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
11
www.zetex.com
© Zetex Semiconductors plc 2008
Application notes
Setting peak coil current
The peak current in the coil is set by the resistor (RSENSE) between the switch emitter and ground
according to
The minimum peak current will depend on operating mode, coil inductance and supply voltage
range. The maximum peak current must not exceed the specified value for the switch. (See
Application circuits for details).
Setting LED current
The nominal average LED current is given by
Where RM is the external resistor connected between pins M_VIN and M_LOAD.
This current can be adjusted to a lower value by applying a dc control voltage or PWM control
signal to the ADJ pin.
DC control
The LED current can be adjusted over a 10% to 100% range by connecting a variable resistor RADJ
from the ADJ pin to ground to vary the dc voltage at the ADJ pin. RADJ forms the lower part of a
resistive divider and the internal 100k
Ω resistor between the ADJ and VREF pins forms the upper
part. A value of 1M
Ω for RADJ will therefore give a maximum current of 91% of I
LED (nom) and
the device will be turned off when the voltage on the ADJ pin falls below 28mV, corresponding to
an RADJ value of approximately 5kΩ. If required, an end-stop resistor in series with RADJ can be
used to maintain the voltage on the ADJ pin above the turn-on threshold.
Using a logarithmic potentiometer for RADJ will give an approximately linear variation of output
current with shaft rotation. (Fig 1)
If required, the maximum output current can be restored to 100% by adjusting the value of the
LED current monitor resistor (RM). The tolerance of the internal 100k resistor and RADJ should be
taken into account when calculating output current.
The ADJ pin is clamped internally to a voltage of 575mV (nom), to limit maximum average output
current to approximately 115% of ILED(nom).
Rsense
mV
I
SWpeak
50
=
M
LED
R
mV
nom
I
100
)
(
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com